Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 14 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 10Page - Texas Instruments TAS2120 Datasheet HTML 11Page - Texas Instruments TAS2120 Datasheet HTML 12Page - Texas Instruments TAS2120 Datasheet HTML 13Page - Texas Instruments TAS2120 Datasheet HTML 14Page - Texas Instruments TAS2120 Datasheet HTML 15Page - Texas Instruments TAS2120 Datasheet HTML 16Page - Texas Instruments TAS2120 Datasheet HTML 17Page - Texas Instruments TAS2120 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
5.6 Timing Requirements (continued)
TA = 25 °C, VDD = IOVDD = 1.8 V (unless other wise noted)
MIN
NOM
MAX
UNIT
tH(SBCLK) SBCLK high period
20
ns
tL(SBCLK) SBCLK low period
20
ns
tSU(FSYNC
)
FSYNC setup time
8
ns
tHLD(FSYN
C)
FSYNC hold time
8
ns
tSU(SDIN/
ICC)
SDIN/ICC setup time
8
ns
tHLD(SDIN/
ICC)
SDIN/ICC hold time
8
ns
td(SDO/
ICC-
SBCLK)
SBCLK to SDOUT/ICC delay : 50% of SBCLK to 50% of SDOUT
IOVDD=1.8V
13
ns
td(SDO/
ICC-
SBCLK)
SBCLK to SDOUT/ICC delay : 50% of SBCLK to 50% of SDOUT
IOVDD=3.3V
30
ns
tr(SBCLK) SBCLK rise time : 10 % - 90 % Rise Time
8
ns
tf(SBCLK) SBCLK fall time : 90 % - 10 % Rise Time
8
ns
5.7 Typical Characteristics
TA = 25℃, VBAT = 3.6V, VBAT2S = 7.2V (2S mode enabled), PVDD = 12V (External PVDD mode enabled) ,
VDD=1.8 V, IOVDD=1.8 V, Load = 8Ω + 33μH, LBOOST = 1μH, FIN = 1kHz, Fs = 48kHz, Gain = 21dBV,
BST_ILIM (1S Boost mode) = 5.1A, BST_ILIM (2S Boost mode) = 4.1A, SDZ=1, Noise gate mode disabled,
Measured filter free with an Audio Precision with a 22Hz to 20kHz un-weighted bandwidth, unless otherwise
noted.
Output Power (W)
0.001
0.01
0.05
0.2
0.5 1
2 3 45 7 10 20
20
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
VBAT = 2.5 V
VBAT = 3.6 V
VBAT = 4.4 V
VBAT = 5.5 V
RL = 8 Ω
1S Battery Mode
Figure 5-1. THD+N vs Output Power
Output Power (W)
0.001
0.01
0.05
0.2
0.5 1
2 3 45 7 10 20
20
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
VBAT2S=4.7V
VBAT2S=7.2V
VBAT2S=8.4V
VBAT2S=10V
RL = 8 Ω
2S Battery Mode
Figure 5-2. THD+N vs Output Power
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com