Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 23 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 19Page - Texas Instruments TAS2120 Datasheet HTML 20Page - Texas Instruments TAS2120 Datasheet HTML 21Page - Texas Instruments TAS2120 Datasheet HTML 22Page - Texas Instruments TAS2120 Datasheet HTML 23Page - Texas Instruments TAS2120 Datasheet HTML 24Page - Texas Instruments TAS2120 Datasheet HTML 25Page - Texas Instruments TAS2120 Datasheet HTML 26Page - Texas Instruments TAS2120 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
Table 6-12. Battery mode selection
SEL_VBAT_MODE[1:0]
Configuration
00 (default)
Voltage monitor on VBAT pin. 1S
mode of operation
01
Voltage monitor on VBAT_SNS
pin. 1S mode of operation
10
Voltage monitor on VBAT_SNS
pin. 2S mode of operation
11
Reserved
Table 6-13. VBAT pin bias voltage selector
VBAT_BIAS_SEL1
Configuration
0 (default)
VBAT pin biasing based on
VBAT_BIAS_SEL2 register
1
VBAT pin voltage is half of 2S
battery voltage
Table 6-14. VBAT pin bias voltage selector
VBAT_BIAS_SEL2[1:0]
Configuration
00
Reserved
01(default)
Minimum VBAT pin voltage >
2.9V
10
Minimum VBAT pin voltage >
3.3V
11
Minimum VBAT pin voltage >
3.7V
6.3.1.6 External PVDD Mode
The internal Boost of TAS2120 can be disabled by setting BST_EN register low. When the external PVDD
mode is used, the class-D amplifier is directly powered from the voltage source on PVDD pin. The device
configurations needs to be updated using PPC3 software to configure the device in required performance
configurations for external PVDD mode of operation.
6.3.2 Faults and Status
During power-up sequencing, the power-on-reset circuit (POR) monitors the VDD and IOVDD pins and holds
device in reset (including all the configuration registers) until the supplies are valid. Any supply voltage dip on
VDD or IOVDD below the UVLO voltage thresholds resets the device immediately along with all the register
configurations.
During operation modes, the device monitors internal device status and fault conditions and can notify the
host of error and status conditions using the IRQZ interrupt pin and internal I2C based interrupt registers. The
interrupt generation in IRQZ pin can be masked by configuring the corresponding Interrupt mask register bit.
Table 6-15 lists the different faults and interrupts that the device monitors and the corresponding configuration
bits to enable/disable the interrupt generation and reading the I2C interrupt status
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com