Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 25 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 21Page - Texas Instruments TAS2120 Datasheet HTML 22Page - Texas Instruments TAS2120 Datasheet HTML 23Page - Texas Instruments TAS2120 Datasheet HTML 24Page - Texas Instruments TAS2120 Datasheet HTML 25Page - Texas Instruments TAS2120 Datasheet HTML 26Page - Texas Instruments TAS2120 Datasheet HTML 27Page - Texas Instruments TAS2120 Datasheet HTML 28Page - Texas Instruments TAS2120 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
Table 6-16. IRQZ pin configuration (continued)
IRQZ_PIN_CFG[1:0]
Configuration
11
Interrupt generated for 2 to 4 ms
every 4 ms on any unmasked
latched interrupt
Table 6-17. Retry wait timer
RETRY_WAIT_TIME
Configuration
0 (default)
Retry every 1.5sec
1
Retry every 100ms
6.4 Feature Description
6.4.1 PurePath™ Console 3 Software
The TAS2120's advanced features and device configuration can be performed using PurePath Console 3(PPC3)
software. The base software PPC3 is downloaded and installed from the TI website. Once installed the TAS2120
application can be downloaded from with-in PPC3. The PCC3 tool calculates necessary register coefficients that
are described in the following sections. The device performance is optimized using registers named TUNING
based on the options for system configuration selected in the GUI. This is the recommended method to configure
the device. Once the TAS2120 application calculates and updates the device, the registers values can be read
back using the PPC3 tool for final system integration.
6.4.2 Playback Signal Path
6.4.2.1 Digital Volume Control and Amplifier Output Level
The gain from audio input to speaker terminals is controlled by setting the amplifier’s analog gain level (AAMP)
and digital volume control (ADVC). Equation 1 calculates the amplifiers output voltage. Amplifier analog gain
setting should be set before powering up the playback channel and shouldn't be changed while the channel is
active. The digital volume control can be modified while the channel is active and also allows for soft volume
ramp up/down feature to allow for smooth transition of output voltage from one level to another.
AMP
dvc
AMP
V
Input
A
A
dBV
=
+
+
(1)
where
• VAMP is the amplifier output voltage in dBV
• Input is the digital input amplitude in dB with respect to 0 dBFS
• ADVC is the digital volume control setting, 6 dB to -110 dB in 0.5 dB steps
• AAMP is the amplifier output level setting, -0.071dBV to 21.0dBV in 0.5017dBV steps.
Amplifier output level settings are presented in dBV (dB relative to 1 Vrms) with a full scale digital audio input
(0 dBFS) and the digital volume control set to 0 dB. It should be noted that these levels may not be achievable
because of analog clipping in the amplifier, so they should be used to convey gain only.
Table below shows gain settings that can be programmed via the AMP_LVL register. When AMP_LVL is set to
less than 9dBV settings, the playback channel is automatically configured to low noise mode or receiver mode of
operation.
Table 6-18. Amplifier Output Level Settings
AMP_LVL[5:0]
FULL SCALE OUTPUT
dBV
VPEAK (V)
0x00
21.000
15.9
0x01
20.498
15.0
0x02
19.997
14.1
0x03
19.495
13.3
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com