Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 40 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 36Page - Texas Instruments TAS2120 Datasheet HTML 37Page - Texas Instruments TAS2120 Datasheet HTML 38Page - Texas Instruments TAS2120 Datasheet HTML 39Page - Texas Instruments TAS2120 Datasheet HTML 40Page - Texas Instruments TAS2120 Datasheet HTML 41Page - Texas Instruments TAS2120 Datasheet HTML 42Page - Texas Instruments TAS2120 Datasheet HTML 43Page - Texas Instruments TAS2120 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
6.5 Programming
The device contains configuration registers and programming coefficients that can be set to the desired values
for a specific system and application use. These registers are called device control registers and are each eight
bits in width, mapped using a page scheme.
Each page contains 128 configuration registers. All key device configuration registers are stored in page 0,
which is the default page setting at power up and after a software reset. All programmable coefficient registers
are located in page 2, page 3 and later pages. The current page of the device can be switched to a new desired
page by using the PAGE[7:0] bits located in register 0 of every page.
6.5.1 I2C Control Interface
The device supports the I2C control protocol as a target device, and is capable of operating in standard mode,
fast mode, and fast mode plus. Device configuration and status are provided via the SDA and SCL pins using
the I2C protocol.
6.5.2 I2C Address Selection
The TAS2120 can operate using one of four selectable device addresses. I2C target addresses is defined as
the 7 MSBs followed by read/write bit. Table 6-46 below illustrates how to select the device I2C address and
the address corresponds to R/W bit set to 0 (ie ADDR[6:0],1b'0). The I2C address is detected by sampling the
address pins when SDZ pin is released or when device is reset using software reset bit.
Table 6-46. I2C Mode Address Selection
I2C TARGET
ADDRESS
AD2 PIN
AD1 PIN
0x80 (global address)
NA
NA
0x90
GND
GND
0x92
GND
IOVDD
0x94
IOVDD
GND
0x96
IOVDD
IOVDD
The TAS2120 has a global 7-bit I2C address 0x40 (0x80 in 8-bit format with R/W bit set to 0). When enabled
the device will additionally respond to I2C commands at this address regardless of the address pins selected .
This is used to speed up device configuration when using multiple TAS2120 devices and programming similar
settings across all devices. The I2C ACK / NACK cannot be used during the multi-device writes since multiple
devices are responding to the I2C command. The I2C CRC function should be used to ensure each device
properly received the I2C commands. At the completion of writing multiple devices using the global address, the
CRC at I2C_CKSUM register should be checked on each device using the local address for a proper value. The
global I2C address can be disabled using I2C_GBL_EN register.
Table 6-47. I2C Global Address Enable
I2C_GBL_EN
SETTING
0
Disabled
1
Enabled (default)
6.5.3 General I2C Operation
The I2C bus employs two signals, SDA (data) and SCL (clock), to communicate between integrated circuits
in a system using serial data transmission. The address and data 8-bit bytes are transferred MSB first. In
addition, each byte transferred on the bus is acknowledged by the receiving device with an acknowledge bit.
Each transfer operation begins with the controller device driving a start condition on the bus and ends with the
controller device driving a stop condition on the bus. The bus uses transitions on the data pin (SDA) while the
clock is at logic high to indicate start and stop conditions. A high-to-low transition on SDA indicates a start, and
a low-to-high transition indicates a stop. Normal data-bit transitions must occur within the low time of the clock
period.
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
40
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com