Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 34 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 30Page - Texas Instruments TAS2120 Datasheet HTML 31Page - Texas Instruments TAS2120 Datasheet HTML 32Page - Texas Instruments TAS2120 Datasheet HTML 33Page - Texas Instruments TAS2120 Datasheet HTML 34Page - Texas Instruments TAS2120 Datasheet HTML 35Page - Texas Instruments TAS2120 Datasheet HTML 36Page - Texas Instruments TAS2120 Datasheet HTML 37Page - Texas Instruments TAS2120 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
Device can also loop back echo reference digital audio data at the end of the internal signal processing
blocks like Limiter, BOP etc. through SDOUT signal. This allows audio system to perform noise and echo
cancellation algorithms in a host processor that is connected to the device. The echo reference can be enabled
by configuring AUDIO_TX register bit. The slot length and the time slot can be selected using AUDIO_SLEN and
AUDIO_SLOT[5:0] register bits.
6.4.4 Boost
The TAS2120 internal processing algorithm automatically enables the boost when needed. A look-ahead
algorithm monitors the battery voltage and the digital audio stream. When the speaker output approaches the
battery voltage the boost is enabled in-time to supply the required speaker output voltage. When the boost is
no longer required it is disabled and bypassed to maximize efficiency. The boost can be configured in one of
two modes. The first is low in-rush (Class-G) supporting only boost on-off and has the lowest in-rush current.
The second is high-efficiency (Class-H) where the boost voltage level is adjusted to a value just above what is
needed. This mode is more efficient but has a higher in-rush current to quickly transition the levels. This can be
configured using BST_MODE[1:0] register bits.
Class-G
Class-H
Time
Figure 6-9. Boost Mode Signal Tracking Example
Table 6-30. Boost Mode
BST_MODE[1:0]
BOOST MODE
00
Class-H - High efficiency (default)
01
Class-G - Low in-rush
10
Always On
11
Always Off - Pass-through
The boost can be enabled and disabled using BST_EN register. When driving the Class-D amplifier using an
external supply through the PVDD pin, the boost should be disabled and the SW pin should be left floating.
Table 6-31. Boost Enable
BST_EN
BOOST IS
0
Disabled (External PVDD mode)
1
Enabled (default)
The maximum boost voltage is set by VBOOST_MAX_CTRL[7:0]. When operating in class-G mode, the boost
when needed will be at this voltage. In class-H mode of operation the boost voltage is automatically selected
based on the audio signal but will not exceed this set value. In class-H mode, the class-H controller controls the
Boost with a minimum step size of 33mV to generate the required PVDD voltage. The max boost voltage that the
device generates is controlled by VBOOST_MAX_CTRL[7:0] and it can be configured with a step size of 66mV.
Table 6-32. Boost Max Regulation Voltage
VBOOST_MAX_CTRL[7:0]
BOOST VOLTAGE (V)
0x00 - 0x53
Reserved
0x54
5.54 V
0x55
5.61 V
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com