Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 5Page - Texas Instruments TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments TAS2120 Datasheet HTML 10Page - Texas Instruments TAS2120 Datasheet HTML 11Page - Texas Instruments TAS2120 Datasheet HTML 12Page - Texas Instruments TAS2120 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
5.5 Electrical Characteristics (continued)
TA = 25 °C, VBAT = 3.6 V, VBAT2S = 7.2V (2S mode enabled), PVDD = 12 V ( External PVDD mode enabled), VDD = 1.8
V, IOVDD = 1.8V RL = 8Ω + 33µH, LBOOST = 1µH, fin = 1 kHz, fs = 48 kHz, Gain = 21dBV, BST_ILIM (1S battery) = 5.1A,
BST_ILIM (2S battery, HW mode)=4.1A, BST_ILIM (2S battery, I2C mode)=5.1A, SDZ = 1, Noise gate disabled, Measured
filter free with an Audio Precision using 22 Hz to 20 kHz un-weighted bandwidth (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBOOST
Output Boost Voltage
IO = 0.1A. Average output value.
VBOOST_MAX_CTRL = max value
14.9
V
IBOOST_C
L
Peak Input Current Limit
BST_ILIM = Max Setting
5.1
A
IBOOST_C
L
Peak Input Current Limit
BST_ILIM = Min Setting
1.5
A
Peak Input Current Limit Programmable
step size
39.1
mA
Boost Converter 2S Mode of operation
VBOOST_
RANGE
Output Voltage Range
Programmable in steps of 66mV
10
14.75
V
VBOOST_S
TEP
Class-H Output Voltage Step Size
33
mV
IBOOST_C
L
Peak Input Current Limit
Max Setting
5.1
A
IBOOST_C
L
Peak Input Current Limit
Min Setting
1.5
A
TDM Serial Port
PCM Sample Rates and FSYNC Input
Frequency
16
192
kHz
SBCLK Input Frequency
I2S/TDM Operation
0.512
24.57
MHz
SBCLK Maximum Input Jitter
RMS Jitter below 40 kHz that
can be tolerated without performance
degradation
0.5
ns
RMS Jitter above 40 kHz that
can be tolerated without performance
degradation
5
ns
SBCLK Cycles per FSYNC in I2S and
TDM Modes
Values: 64, 96, 128, 192, 256, 384 and
512
64
512
Cycles
PCM Playback Characteristics to fs ≤ 48 kHz
fs
Sample Rates
16
48
kHz
Audio Channel Passband LPF Corner
Ripple < pass-band ripple
0.454
fs
Audio Channel Passband Ripple
20 Hz to LPF cutoff
± 0.1
dB
Audio Channel Stop Band Attenuation
≥ 0.55 fs
60
dB
≥ 1 fs
65
dB
Audio Channel Group Delay
Fin = 1kHz, Class-H mode
31.5
1/fs
Fin = 1kHz, Class-H bypassed
6.5
1/fs
DC to 20kHz, HPF bypassed, Class-H
bypassed
11.0
1/fs
DC to 20kHz, HPF bypassed, Class-H
mode
37.0
1/fs
PCM Playback Characteristics to fs > 48 kHz
fs
Sample Rates
88.2
192
kHz
Audio Channel Passband LPF Corner
fs = 96 kHz
0.469
fs
fs = 192 kHz
0.234
fs
Audio Channel Passband Ripple
20 Hz to LPF cutoff
± 0.2
dB
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com