Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 1 Page - Texas Instruments

  TAS2120 Datasheet HTML 1Page - Texas Instruments TAS2120 Datasheet HTML 2Page - Texas Instruments TAS2120 Datasheet HTML 3Page - Texas Instruments TAS2120 Datasheet HTML 4Page - Texas Instruments TAS2120 Datasheet HTML 5Page - Texas Instruments TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class-
H Boost
1 Features
• Powerful Class-D amplifier
– 8.2W 1% THD+N
– 14.75V boost with 5.1A max current limit
• Best in class efficiency
– Upto 90% efficiency at system level for 8Ω load
– 12.9mW idle channel power, noise gate off
– 5mW idle channel power, noise gate on
– Integrated 1.8V Y-bridge
• High performance audio channel
– 4.2µV A-wt. idle channel noise
– 114dB Dynamic Range
– -89dB THD+N
– Low EMI performance with ERC and SSM
– < 1µs chip to chip group delay matching
• Advanced integrated features
– Signal detection high efficiency modes
– High accuracy voltage monitor & temp sensor
– Programmable battery current limit at 39mA
step size
• Ease of use features
– Hardware pin control or I2C control
– 1S battery, 2S battery, External PVDD (3S
battery) supply
– Clock based power up/down
– Auto clock rate detection: 16 to 192kHz
– MCLK free operation
– Thermal and over current protection
• Power Supplies and user interface
– VBAT: 2.5V to 5.5V
– VDD: 1.65V to 1.95V
– IOVDD: 1.8V or 3.3V
– VBAT_SNS: 2.5V to 10.0V
– I2S/TDM: 8 channels
– HW pin control or I2C based control
• 26-Pin, 0.4mm Pitch, QFN package
2 Applications
• Smart Speakers with Voice Assistance
• Bluetooth and Wireless speakers
• Tablets, Wearables
• Laptop, Desktop Computers
3 Description
The TAS2120 is a mono, digital input Class-D audio
amplifier with an integrated Boost for higher power
delivery in battery-operated systems.
Device is optimized to deliver best battery life
for real-use cases of music playback and voice
calls. Advanced efficiency optimization features like
Y-bridge, and algorithms enable the device to produce
best-in-class efficiency across all power regions
of operation. The Class-D amplifier is capable of
delivering 8.2W output power using integrated Class-
H Boost.
TAS2120 device supports look-ahead algorithm based
optimum boost voltage levels to match the output of
audio signal. This provides all the power needed for
peak output while significantly reducing the average
power consumption.
Up to four devices can share a common bus via
I2S/TDM + I2C interfaces. The device also supports
five HW Control pins that can configure the device for
the desired mode of operation.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE (2)
TAS2120
QFN
4mm × 3.5mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
Digital
Audio
Interface
Boost
Control
Interface
Clocking
Device
Protections
Power
Management
Digital Core
Monitor
ADC
VBAT, PVDD, and
Temp Monitor
Efficiency
Algos
Filters / Control
VBAT
PVDD
TEMP
PVDD
OUT_P
OUT_N
SW
DREG
GREG
SBCLK
FSYNC
SDIN
SDOUT
SEL4_ADDR
SEL5
SEL3_SDA
SEL2_SCL
GND
PGND
BGND
SDZ
IRQZ
Class-D
Amp
VBAT
VDD
IOVDD
VBAT_SNS
SEL1
Functional block diagram
TAS2120
SLASFC6 – AUGUST 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TAS2120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2120 TI2-TAS2120 Datasheet
2Mb / 113P
TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
REVISED AUGUST 2025
TAS2120RBGR TI2-TAS2120RBGR Datasheet
2Mb / 113P
TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
REVISED AUGUST 2025
More results

Similar Description - TAS2120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
logo
Texas Instruments
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2559 TI1-TAS2559 Datasheet
3Mb / 107P
5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
TAS2110 TI1-TAS2110 Datasheet
1Mb / 101P
TAS2110 6.1-W Digital Input Audio Class-D Amplifier With Integrated 11-V Class-H Boost
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
logo
Texas Instruments
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com