Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 4Page - Texas Instruments TAS2120 Datasheet HTML 5Page - Texas Instruments TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments TAS2120 Datasheet HTML 10Page - Texas Instruments TAS2120 Datasheet HTML 11Page - Texas Instruments TAS2120 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
5.5 Electrical Characteristics (continued)
TA = 25 °C, VBAT = 3.6 V, VBAT2S = 7.2V (2S mode enabled), PVDD = 12 V ( External PVDD mode enabled), VDD = 1.8
V, IOVDD = 1.8V RL = 8Ω + 33µH, LBOOST = 1µH, fin = 1 kHz, fs = 48 kHz, Gain = 21dBV, BST_ILIM (1S battery) = 5.1A,
BST_ILIM (2S battery, HW mode)=4.1A, BST_ILIM (2S battery, I2C mode)=5.1A, SDZ = 1, Noise gate disabled, Measured
filter free with an Audio Precision using 22 Hz to 20 kHz un-weighted bandwidth (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POUT_EXT
_PVDD
Maximum Continuous Output Power - 1%
THDN
RL = 8 Ω + 33 µH, HW pin control mode
8.3
W
POUT_EXT
_PVDD
Maximum Continuous Output Power -
10% THDN
RL = 8 Ω + 33 µH
10.3
W
RL = 4 Ω + 33 µH
18.4
W
RL = 4 Ω + 33 µH, PVDD=14V
24.5
W
ηSYSTEM_
EXT_0.5W
System Efficiency at POUT = 0.5W
RL = 8 Ω + 33 µH
83.9
%
RL = 4 Ω + 33 µH
80.0
%
ηSYSTEM_
_EXT_1W
System Efficiency at POUT = 1.0W
RL = 8 Ω + 33 µH
88.1
%
RL = 4 Ω + 33 µH
84.2
%
ηSYSTEM_
_EXT_1W
System Efficiency at POUT = 1.0W
RL = 8 Ω + 33 µH, HW pin control mode
88.1
%
ηSYSTEM_
EXT_MAX_
POUT
System Efficiency at 1% THD+N power
Level
RL = 8 Ω + 33 µH
93.2
%
RL = 4 Ω + 33 µH
88.5
%
ηSYSTEM_
EXT_MAX_
POUT
System Efficiency at 1% THD+N power
Level
RL = 8 Ω + 33 µH, HW pin control mode
93.2
%
VN_EXT
Idle channel Noise
A-Weighted, Gain = 21dBV (Speaker
Mode), DAC-Running
14.4
µV
DNR_EX
T
Dynamic Range
A-Weighted, -60 dBFS Method, RL = 8 Ω
+ 33 µH
114.4
dB
THD+N_
EXT
Total Harmonic distortion + Noise
POUT = 1 W, RL = 8 Ω + 33 µH, fin = 1 kHz
0.003
%
POUT = 1 W, RL = 4 Ω + 33 µH, fin = 1 kHz
0.004
%
KCP_EXT Click and pop performance
All dynamic power up/downs of audio
channel except for faults. Includes In/Out
of Mute, Power Up and power Down,
Noise Gate mode entry and Exit.
Measured at Peak A-weighted Voltage.
RL = 8 Ω + 33 µH, Input = Digital Silience
–68
dBV
VOS_EX
T
Output Offset Voltage
Idle channel
–1
1
mV
PSRRPV
DD_EXT
PVDD power-supply rejection ratio
PVDD = 12 V + 200 mVpp, fripple = 217
Hz
115
dB
PVDD = 12 V + 200 mVpp, fripple = 1
kHz
115
dB
PVDD = 12 V + 200 mVpp, fripple = 20
kHz
95
dB
PSRRVB
AT_EXT
VBAT power-supply rejection ratio
VBAT = 3.6 V + 200 mVpp, fripple = 217 Hz
115
dB
VBAT = 3.6 V + 200 mVpp, fripple = 1 kHz
115
dB
VBAT = 3.6 V + 200 mVpp, fripple = 20 kHz
90
dB
PSRRVD
D_EXT
VDD power-supply rejection ratio
VDD = 1.8 V + 200 mVpp, fripple = 217 Hz
110
dB
VDD = 1.8 V + 200 mVpp, fripple = 1 kHz
110
dB
VDD = 1.8 V + 200 mVpp, fripple = 20 kHz
90
dB
Boost Converter
VBOOST_
RANGE
Max Output Voltage programmability
Range
Programmable in steps of 66mV
5.5
14.75
V
VBOOST_S
TEP
Class-H Output Voltage Step Size
33
mV
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com