Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 37 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 33Page - Texas Instruments TAS2120 Datasheet HTML 34Page - Texas Instruments TAS2120 Datasheet HTML 35Page - Texas Instruments TAS2120 Datasheet HTML 36Page - Texas Instruments TAS2120 Datasheet HTML 37Page - Texas Instruments TAS2120 Datasheet HTML 38Page - Texas Instruments TAS2120 Datasheet HTML 39Page - Texas Instruments TAS2120 Datasheet HTML 40Page - Texas Instruments TAS2120 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
PVDD over voltage protection is based on the monitored PVDD voltage compared against a programmable
threshold which can be controlled using PVDD_OVLO_TH_SEL in the internal boost mode, and
PVDD_OVLO_TH_SEL_EXT_BOOST in the external PVDD mode of operation. The PVDD Over voltage
protection is enabled by default and can be disabled by setting PVDD_OV_DET_DIS bit high.
Table 6-39. PVDD Over voltage protection threshold,
internal Boost mode
PVDD_OVLO_TH_SEL[1:0]
Configuration
00
Over voltage threshold is 13.5V
01
Over voltage threshold is 14V
10
Over voltage threshold is 15V
11 (default)
Over voltage threshold is 16V
Table 6-40. PVDD Over voltage protection threshold,
External PVDD mode
PVDD_OVLO_TH_SEL_EXT_B
OOST[1:0]
Configuration
00
Over voltage threshold is 13.5V
01 (default)
Over voltage threshold is 14V
10
Over voltage threshold is 15V
11
Over voltage threshold is 16V
6.4.6 Thermal Protection
TAS2120 has internal device junction temperature monitor which protects the device against over temperature.
When the internal temperature rises above the Over temperature threshold, the device automatically shuts down
and sets the Over temperature flag in the corresponding Interrupt registers. The device can automatically retry
to power up if OTE_RETRY bit is set high. When set high, the device attempts to re-power up after every
RETRY_WAIT_TIME setting (default 1.5 seconds of retry)
Along with over temperature protection, the device has thermal warning thresholds to allow for system
to raise interrupts or flags as the junction temperature is approaching the shutdown. There are four
thermal warning flags available at the internal temperature of 105C, 115C, 125C and 135C. Each thermal
warning flag can be independently set to control the Interrupt generation on the IRQZ pad. The minimum
temperature and the step size of the temperature warning flag can be programmed using the registers
THERMAL_WARN_MIN_TEMP[23:0] and THERMAL_WARN_TEMP_STEP[23:0]
The real time internal junction temperature is monitored are stored in the register TMP_CNV and can be read
using i2c commands.
6.4.7 Clocks and PLL
In TDM/I2S Mode, the device operates from SBCLK. Table 6-41 below shows the valid SBCLK frequencies for
each sample rate and SBCLK to FSYNC ratio. For 44.1kHz based clocking, the same table is applicable with the
associated ratio change between 48ksps to 44.1ksps.
While the sampling rate of 192kHz is supported, data is internally down-sampled to 96kHz. Therefore audio
content greater than 40kHz should not be applied to prevent aliasing. This additionally affects all processing
blocks like BOP and limiter which should use 96 kHz fs when accepting 192 kHz audio.
If the sample rate is properly configured via the SAMPLE_RATE_CFG bits, no additional configuration is
required as long as the SBCLK to FSYNC ratio is valid. The device automatically detects the input PCM
FSYNC and BCLK frequency and auto configures itself to playback audio signal. The detected clock rates
can be read using the read only registers FS_RATIO_DETECTED and FS_RATE_DETECTED. The device will
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com