Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 15 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 11Page - Texas Instruments TAS2120 Datasheet HTML 12Page - Texas Instruments TAS2120 Datasheet HTML 13Page - Texas Instruments TAS2120 Datasheet HTML 14Page - Texas Instruments TAS2120 Datasheet HTML 15Page - Texas Instruments TAS2120 Datasheet HTML 16Page - Texas Instruments TAS2120 Datasheet HTML 17Page - Texas Instruments TAS2120 Datasheet HTML 18Page - Texas Instruments TAS2120 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
Output Power (W)
0.001
0.01
0.05
0.2
0.5 1
2 3 45 7 10 20
20
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
VBAT = 4.5 V
VBAT = 8.4 V
VBAT = 12 V
VBAT = 14 V
RL = 8 Ω
External PVDD mode
Figure 5-3. THD+N vs Output Power
Frequency (Hz)
20 30 50 70100 200
500 1000 2000
5000 1000020000
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
Pout = 0.1W
Pout = 1W
Pout = 5W
RL = 8 Ω
VBAT = 3.6 V
1S Battery Mode
Figure 5-4. THD+N vs Frequency
Frequency (Hz)
20 30 50 70100 200
500 1000 2000
5000 1000020000
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
Pout = 0.1W
Pout = 1W
Pout = 5W
RL = 8 Ω
VBAT2S = 7.2 V
2S Battery mode
Figure 5-5. THD+N vs Frequency
Frequency (Hz)
20 30 50 70100 200
500 1000 2000
5000 1000020000
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
Pout = 0.1W
Pout = 1W
Pout = 5W
RL = 8 Ω
PVDD = 12 V
External PVDD mode
Figure 5-6. THD+N vs Frequency
Output Power (W)
0.001
0.01
0.05
0.2
0.5 1
2 3 45 7 10 20
20
0
10
20
30
40
50
60
70
80
90
100
VBAT= 2.5V
VBAT= 3.6V
VBAT= 4.4V
VBAT= 5.5V
RL = 8 Ω
1S Battery Mode
Figure 5-7. Efficiency vs Output Power
Output Power (W)
0.001
0.01
0.05
0.2
0.5 1
2 3 45 7 10 20
20
0
10
20
30
40
50
60
70
80
90
100
VBAT2S= 4.7V
VBAT2S= 7.2V
VBAT2S= 8.4V
VBAT2S= 10V
RL = 8 Ω
2S Battery mode
Figure 5-8. Efficiency vs Output power
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com