Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 27 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 23Page - Texas Instruments TAS2120 Datasheet HTML 24Page - Texas Instruments TAS2120 Datasheet HTML 25Page - Texas Instruments TAS2120 Datasheet HTML 26Page - Texas Instruments TAS2120 Datasheet HTML 27Page - Texas Instruments TAS2120 Datasheet HTML 28Page - Texas Instruments TAS2120 Datasheet HTML 29Page - Texas Instruments TAS2120 Datasheet HTML 30Page - Texas Instruments TAS2120 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
TAS2120 has integrated high performance class-D amplifier with low idle channel noise, low distortion and high
PSRR. The Class-D amplifier switches on a clock frequency derived from the SBCLK frequency and is always
synchronized to the input clock source. The SAMP_RATE_CFG register enables selection between input clock
source based out of multiple of 44.1kHz vs 48kHz multiples.
Table 6-21. Sample rate configuration
SAMP_RATE_CFG
Configuration
0 (default)
Audio data rate is multiple/sub-
multiple of 48ksps
1
Audio data rate is multiple/sub-
multiple of 44.1ksps
For improvements in EMI performance the class-D amplifier supports programmable Edge rate control (ERC)
and class-D clock spread spectrum modulation (SSM).
The edge rate of class-D can be controlled using CLASSD_OUTPUT_EDGERATE_CTRL[1:0] register. By
default the class-D output edge rate is configured to fastest setting to enable high efficiency in the system.
The class-D output edge rate can be slowed down using other configuration settings to reduce the EMI energy
at high frequency with reduction in efficiency. The exact rate of change of output edge rate varies based on
output load conditions, and the values mentioned in the tables below are approximate edge rate levels for default
loading conditions.
Table 6-22. Class-D output edge rate control
CLASSD_OUTPUT_EDGERATE
_CTRL[1:0]
Configuration
00
Class-D output edge rate of 0.5
V/ns
01
Class-D output edge rate of 1.0
V/ns
10
Reserved
11(default)
Class-D output edge rate of 2
V/ns
The class-D amplifier has over current protection on each of the output power FETs, including the PVDD High
side, VDD high side and the ground power FETs.
The class-D amplifier output impedance can be controlled when the outputs stop switching during Noise gate
mode using CLASSD_HIZ_MODE control register.
Table 6-23. Class-D high-Z mode control
CLASSD_HIZ_MODE
Configuration
0 (default)
Output pulled down with 2.5kΩ
1
Output pulled down with >13kΩ
6.4.2.4 Supply Tracking Limiters with Brown Out Prevention
TAS2120 monitors class-D supply voltage (VBAT or PVDD) along with the audio signal to automatically
decrease gain when the audio signal peaks exceed a programmable threshold. This helps prevent clipping and
extends playback time through end of charge battery conditions. The limiter and brown out module calculates
the signal attenuation required based on the condition of the signal level, channel gain and the selected supply
voltage.
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com