Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 17 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 13Page - Texas Instruments TAS2120 Datasheet HTML 14Page - Texas Instruments TAS2120 Datasheet HTML 15Page - Texas Instruments TAS2120 Datasheet HTML 16Page - Texas Instruments TAS2120 Datasheet HTML 17Page - Texas Instruments TAS2120 Datasheet HTML 18Page - Texas Instruments TAS2120 Datasheet HTML 19Page - Texas Instruments TAS2120 Datasheet HTML 20Page - Texas Instruments TAS2120 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
6 Detailed Description
6.1 Overview
The TAS2120 is a mono digital input Class-D amplifier optimized for delivering the highest efficiency across
all powers for longer battery life operation. It comes with a small solution size for board space-constrained
applications. It integrates Class-H Boost with 33mV step size resolution for class-H control, highly accurate
speaker voltage and current sensors, and battery/temperature sensors for system-level protection features.
6.2 Functional Block Diagram
Digital
Audio
Interface
Boost
Control
Interface
Clocking
Device
Protections
Power
Management
Digital Core
Monitor
ADC
VBAT, PVDD, and
Temp Monitor
Efficiency
Algos
Filters / Control
VBAT
PVDD
TEMP
PVDD
OUT_P
OUT_N
SW
DREG
GREG
SBCLK
FSYNC
SDIN
SDOUT
SEL4_ADDR
SEL5
SEL3_SDA
SEL2_SCL
GND
PGND
BGND
SDZ
IRQZ
Class-D
Amp
VBAT
VDD
IOVDD
VBAT_SNS
SEL1
Figure 6-1. Top Level Functional block diagram
6.3 Device Functional Modes
6.3.1 Operational Modes
6.3.1.1 Hardware Shutdown
The device can be powered down by asserting SDZ pin low. The shutdown behavior of the device when SDZ pin
is pulled low is controlled by SDZ_MODE register settings.
In Hardware Shutdown mode (SDZ_MODE[1:0] = 00 or 01) if the SDZ pin is asserted low, the device consumes
the minimum quiescent current from VDD and VBAT supplies. All registers lose state in this mode and go back
to default settings, and I2C communication is disabled.
If configured in SDZ_MODE[1:0] = 00, when the SDZ pin is asserted low while audio is playing, the device will
follow the normal power down sequencing like volume ramp down on the audio (if enabled), stop the Class-D
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com