Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 18 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 14Page - Texas Instruments TAS2120 Datasheet HTML 15Page - Texas Instruments TAS2120 Datasheet HTML 16Page - Texas Instruments TAS2120 Datasheet HTML 17Page - Texas Instruments TAS2120 Datasheet HTML 18Page - Texas Instruments TAS2120 Datasheet HTML 19Page - Texas Instruments TAS2120 Datasheet HTML 20Page - Texas Instruments TAS2120 Datasheet HTML 21Page - Texas Instruments TAS2120 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
switching, power down analog and digital blocks to ensure no power down pop and finally put the device into
Hardware Shutdown mode. I2C communication is disabled while the SDZ pin is asserted low in this mode.
If configured in SDZ_MODE[1:0] = 01, when the SDZ pin is asserted low the device will immediately enter the
hardware shutdown and will not go through any power-down sequencing routine. It is recommended to ensure
that the audio input signal is ramped down to the idle channel before asserting the SDZ pin low in this mode
(device software mute mode can be used to realize this). I2C communication is disabled while the SDZ pin is
asserted low in this mode.
Finally, the device can be configured to Software shutdown mode by setting SDZ_MODE[1:0] = 10. In this
mode, when the SDZ pin is pulled low, the device will follow normal power-down sequencing and enter software
shutdown mode. All the device register configuration programmed is retained as is from the state the device was
in before the SDZ pin was pulled low. I2C communication is still available while the SDZ pin is asserted low in
this mode.
Table 6-1. Shutdown Control
SDZ_MODE[1:0]
Configuration
00 (default)
Hardware shutdown mode with
power-down sequencing
01
Hardware shutdown mode -
immediate
10
Software shutdown mode (All
register values retained)
11
Reserved
When SDZ_MODE[1:0] is 00 or 10, the device goes through shutdown sequencing and the SDZ pin must be
held low for the entire duration of the shutdown time. The shutdown time is specified in the Power up/down Time
section of the Electrical Characteristics section. When SDZ is released, the device will sample the AD1 and AD2
pins and enter the software shutdown mode.
6.3.1.2 Hardware Config Modes
The device can operate in a pre-configured HW Mode depending on the terminations used for Select pin1 to
Select Pin5. HW Mode behavior of the device is designed to simplify device configuration without using any
software based configurations through I2C communication.
Table 6-2. SEL1 HW Mode configuration
SEL1 Connection
Configuration
Direct Short to GND
I2C Mode selection
1.2k to GND
6dBV Amp Gain, Volume ramp
disabled
1.2k to Supply
12dBV Amp Gain, Volume ramp
disabled
5k to GND
18dBV Amp Gain, Volume ramp
disabled
330 to Supply
21dBV Amp Gain, Volume ramp
disabled
4.7k to Supply
6dBV Amp Gain, Volume ramp
enabled
24k to GND
12dBV Amp Gain, Volume ramp
enabled
24k to Supply
18dBV Amp Gain, Volume ramp
enabled
Direct Short to Supply
21dBV Amp Gain, Volume ramp
enabled
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com