Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 35 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 31Page - Texas Instruments TAS2120 Datasheet HTML 32Page - Texas Instruments TAS2120 Datasheet HTML 33Page - Texas Instruments TAS2120 Datasheet HTML 34Page - Texas Instruments TAS2120 Datasheet HTML 35Page - Texas Instruments TAS2120 Datasheet HTML 36Page - Texas Instruments TAS2120 Datasheet HTML 37Page - Texas Instruments TAS2120 Datasheet HTML 38Page - Texas Instruments TAS2120 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
Table 6-32. Boost Max Regulation Voltage
(continued)
VBOOST_MAX_CTRL[7:0]
BOOST VOLTAGE (V)
...
…..steps of 66mV per LSB step
…...
0xA7
11.02 V (default)
...
…..steps of 66mV per LSB step
…...
0xE0
14.75V
0xE6 - 0xFF
Reserved
At light loads (eg. near zero cross of sine waves), the boost automatically enters PFM mode to improve the
system efficiency. When the Boost is running in PFM mode, the minimum pulse frequency can be adjusted using
BST_MIN_FREQ_SEL. Setting a higher PFM frequency will ensure the Boost frequency is always above the set
threshold at the cost of increasing the system power consumption.
Table 6-33. Active Mode PFM Lower Frequency Limit
BST_MIN_FREQ_SEL[1:0]
LOWER LIMIT
00
No lower limit (default)
01
25 kHz
10
50 kHz
11
RESERVED
The peak current drawn by the boost is controlled using BST_ILIM[23:0] register and it limits the current drawn
from the VBAT supply. This setting allows flexibility in the inductor selection for various saturation currents.
The system should always use inductors which have minimum saturation current (ISAT) atleast 5% higher
than programmed BST_ILIM setting. The Boost circuit can go unstable if the inductor's ISAT is lower than the
BST_ILIM setting. The current limit can be adjusted in 39.1 mA steps with a range from 1.5A to 5.1A using PPC3
Software.
The change in boost configurations like BST_ILIM, VBOOST_MAX_CTRL etc requires re-tuning of device
parameters such as CLASSH_TUNING_xx[23:0] registers to achieve best performance while ensuring no
functionality failures. This configuration should be changed using PPC3 tool to enable automatic reconfiguration
of all the associated device parameters.
For multiple channel systems, the boost phase can be shifted to ensure each device will draw peak current
from the battery at different instance of times and enable lower instantaneous peak current from the battery.
The boost syncing among multiple devices is enabled using BOOST_PHASE_SYNC_EN. The individual
device boost phase can be automatically configured to different values using the i2c target address device
detected by using BOOST_PHASE_FROM_ADDRESS_PIN register, or it can be manually configured using
BOOST_PHASE register. The Boost phase shift is done by each device using the FSYNC pulse to synchronize
each device and all the devices which require the Boost phase synchronization should be connected to same
FSYNC from the host in the system.
Table 6-34. Boost Sync
BOOST_PHASE_SYNC_EN
Status
0
Disabled
1
Enabled(default)
Table 6-35. Boost Phase selection from i2c target
address
BOOST_PHASE_FROM_ADDR
ESS_PIN
Status
0
Disabled
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com