Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 53 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 49Page - Texas Instruments TAS2120 Datasheet HTML 50Page - Texas Instruments TAS2120 Datasheet HTML 51Page - Texas Instruments TAS2120 Datasheet HTML 52Page - Texas Instruments TAS2120 Datasheet HTML 53Page - Texas Instruments TAS2120 Datasheet HTML 54Page - Texas Instruments TAS2120 Datasheet HTML 55Page - Texas Instruments TAS2120 Datasheet HTML 56Page - Texas Instruments TAS2120 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
9 Layout
9.1 Layout Guidelines
• Use wide traces for signals that carry high current and avoid VIAs wherever possible. If VIAs can't be
avoided, multiple VIAs should be added to enable low parasitic inductance and high current capability. These
include traces for PVDD, VBAT, VDD, PGND, BGND, GND, OUT_P and OUT_N.
• PGND and BGND signals should be directly connected and shorted to the ground plane of board to minimize
parasitic inductance. Common inductance between ground pins (eg GND and PGND or GND and BGND
common routing) before connecting to ground plane should be avoided.
• The coupling between high switching signal traces like OUT_P, OUT_N, SW should be avoided from
sensitive low voltage signals.
• Minimize capacitance between high switching lines like OUT_P, OUT_N, SW to ground/static nodes. Larger
capacitance will result in efficiency drop. Coupling between OUT_P and OUT_N will also cause degraded
efficiency.
• VBAT routing to the boost inductor and the device VBAT pin should be star connected to the common VBAT
supply plane. Ensure the decoupling capacitor C4 is placed close to the device and decoupling capacitor C5
is placed close to the inductor.
• Place the boost inductor between VBAT and SW close to the device terminal with no VIAs between device
terminal and the inductor. VBAT routing to the boost inductor should be routed with minimal routing resistance
to achieve best performance from device.
• Decoupling capacitors should be placed close to the device. Smallest possible package size is recommended
for the decaps to achieve best performance from device. DREG, VDD, IOVDD, VBAT (C4 cap), PVDD low
ESL (C6 cap) are recommended to be 0201 case size or lower. VIAs between decapacitors and device pins
should be avoided, or multiple VIAs added to minimize parasitic inductances.
• All decoupling capacitor's ground terminal should be strongly connected to the ground plane with multiple
ground VIAs. The ground routing loop between the cap ground and the device ground pins should be
minimized.
• For VDD Y-bridge functionality, the routing from the host PMIC to the device VDD should be wide supply
plane trace with minimal routing parasitic inductance.
• For the capacitor between GREG-PVDD (C9 cap), PVDD side of capacitor should not be connected directly
to the PVDD decoupling capacitors (C6, C7 and C8), and should be connected as close as possible to the
device PVDD pin.
• In external PVDD mode of operation, SW pin should be left floating and not connected to any supply or
ground signals.
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com