Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 52 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 48Page - Texas Instruments TAS2120 Datasheet HTML 49Page - Texas Instruments TAS2120 Datasheet HTML 50Page - Texas Instruments TAS2120 Datasheet HTML 51Page - Texas Instruments TAS2120 Datasheet HTML 52Page - Texas Instruments TAS2120 Datasheet HTML 53Page - Texas Instruments TAS2120 Datasheet HTML 54Page - Texas Instruments TAS2120 Datasheet HTML 55Page - Texas Instruments TAS2120 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
8 Power Supply Recommendations
TAS2120 supports supply voltages to ramp up/down in any order of sequence for the externally supplied
voltages on VDD, IOVDD, VBAT and PVDD(for external PVDD mode).
SDZ pin must be held low when supplies are not in stable operating condition. Once all the supplies are stable,
SDZ pin can be asserted high for device to start operating. SDZ pin must be pulled low before any supply is
ramped down below its recommended operating voltage.
If using the device in external PVDD mode, the SW pad must be kept floating.
Once all the supplies are valid and SDZ pin is released to high, the digital core voltage regulator powers up,
and starts the internal initialization sequence. After a hardware or software reset, additional i2c commands to the
device should be delayed by at-least 300us to allow the device internal blocks to be initialized.
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
52
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com