Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 59 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 55Page - Texas Instruments TAS2120 Datasheet HTML 56Page - Texas Instruments TAS2120 Datasheet HTML 57Page - Texas Instruments TAS2120 Datasheet HTML 58Page - Texas Instruments TAS2120 Datasheet HTML 59Page - Texas Instruments TAS2120 Datasheet HTML 60Page - Texas Instruments TAS2120 Datasheet HTML 61Page - Texas Instruments TAS2120 Datasheet HTML 62Page - Texas Instruments TAS2120 Datasheet HTML 63Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
www.ti.com
PACKAGE OUTLINE
3.6
3.4
4.1
3.9
1.0
0.8
0.05
0.00
2X 2
18X 0.4
4X 0.55
2X 1.6
4X 0.5
22X 0.25
0.15
4X 0.7
0.5
4X 0.7
0.5
8X 0.35
0.25
12X 0.5
0.3
0.753
0.553
4X 0.7
0.5
0.65
0.45
(0.2) TYP
VQFN-HR - 1 mm max height
RBG0026A
PLASTIC QUAD FLATPACK - NO LEAD
4230415/B 03/2024
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
(45 X 0.1)
PKG
PKG
1
8
9
13
14
21
22
26
PINS 9, 10, 12 & 23
PINS 11, 13, 22, 25 & 26
0.1
C A B
0.05
C
0.1
C A B
0.05
C
SCALE 3.500
A
B
C
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com