Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 43 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 39Page - Texas Instruments TAS2120 Datasheet HTML 40Page - Texas Instruments TAS2120 Datasheet HTML 41Page - Texas Instruments TAS2120 Datasheet HTML 42Page - Texas Instruments TAS2120 Datasheet HTML 43Page - Texas Instruments TAS2120 Datasheet HTML 44Page - Texas Instruments TAS2120 Datasheet HTML 45Page - Texas Instruments TAS2120 Datasheet HTML 46Page - Texas Instruments TAS2120 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
6.5.6 I2C Multiple-Byte Write
As shown in Figure 6-12, a multiple-byte data write transfer is identical to a single-byte data write transfer except
that multiple data bytes are transmitted by the controller device to the target device. After receiving each data
byte, the device responds with an acknowledge bit (ACK). Finally, the controller device transmits a stop condition
after the last data-byte write transfer.
Register
Figure 6-12. I2C Multiple-Byte Write Transfer
6.5.7 I2C Single-Byte Read
As shown in Figure 6-13, a single-byte data read transfer begins with the controller device transmitting a start
condition followed by the I2C target address and the read/write bit. For the data read transfer, both a write
followed by a read are done. Initially, a write is done to transfer the address byte of the internal register address
to be read. As a result, the read/write bit is set to 0.
After receiving the target address and the read/write bit, the device responds with an acknowledge bit
(ACK). The controller device then sends the internal register address byte, after which the device issues an
acknowledge bit (ACK). The controller device transmits another start condition followed by the target address
and the read/write bit again. This time, the read/write bit is set to 1, indicating a read transfer. Next, the device
transmits the data byte from the register address being read. After receiving the data byte, the controller device
transmits a not-acknowledge (NACK) followed by a stop condition to complete the single-byte data read transfer.
A6
A5
A0 R/W ACK A7
A6
A5
A4
A0 ACK
A6
A5
A0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I2CDeviceAddressand
Read/WriteBit
Register
DataByte
D7
D6
D1
D0 ACK
I2CDeviceAddressand
Read/WriteBit
Not
Acknowledge
R/W
A1
A1
RepeatStart
Condition
Figure 6-13. I2C Single-Byte Read Transfer
6.5.8 I2C Multiple-Byte Read
As shown in Figure 6-14, a multiple-byte data read transfer is identical to a single-byte data read transfer except
that multiple data bytes are transmitted by the device to the controller device. With the exception of the last
data byte, the controller device responds with an acknowledge bit after receiving each data byte. After receiving
the last data byte, the controller device transmits a not-acknowledge (NACK) followed by a stop condition to
complete the data read transfer.
A6
A0
ACK
Acknowledge
I2CDeviceAddressand
Read/WriteBit
R/W
A6
A0
R/W ACK
A0 ACK
D7
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
LastDataByte
ACK
FirstDataByte
RepeatStart
Condition
Not
Acknowledge
I2CDeviceAddressand
Read/WriteBit
Register
OtherDataBytes
A7
A6
A5
D7
D0 ACK
Acknowledge
D7
D0
Figure 6-14. I2C Multiple-Byte Read Transfer
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com