Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 48 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 44Page - Texas Instruments TAS2120 Datasheet HTML 45Page - Texas Instruments TAS2120 Datasheet HTML 46Page - Texas Instruments TAS2120 Datasheet HTML 47Page - Texas Instruments TAS2120 Datasheet HTML 48Page - Texas Instruments TAS2120 Datasheet HTML 49Page - Texas Instruments TAS2120 Datasheet HTML 50Page - Texas Instruments TAS2120 Datasheet HTML 51Page - Texas Instruments TAS2120 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
Table 7-1. Recommended External Components
Component
Description
Specification
Min
Typ
Max
Unit
L1
Boost Convertor Inductor
Inductance, 20% Tolerance
0.47
1
µH
Saturation current
5.3
A
L2, L3
Optional EMI Filter Inductors
(must use C10, C11 if L2, L3 are
used)
DC Current
2
A
C1, C2
DREG, IOVDD decap
Capacitance, 20% tolerance
1
µF
Voltage rating
2
6.3
V
C3
VDD decap
Capacitance, 20% tolerance
2.2
µF
Voltage rating
2
6.3
V
C4
VBAT decap
Capacitance, 20% tolerance
1
µF
Voltage rating
6.3
10
V
C5
1S Battery Power decap
Capacitance, 20% tolerance
10
µF
Voltage rating
6.3
10
V
C5a
2S Battery Power decap
Capacitance, 20% tolerance
10
µF
Voltage rating
10
16
V
C6
PVDD Low ESL decap
Capacitance, 20% tolerance
0.1
µF
Voltage rating
16
25
V
C7, C8, C12
PVDD Power decap
Capacitance, 20% tolerance
10
µF
Voltage rating
16
25
V
Effective total PVDD
Capacitance at 13V DC after
deratings for 1S battery systems
3
µF
Effective total PVDD
Capacitance at 13V DC after
deratings for 2S battery system
Note: C12 is not required for
2S system to meet the derating
spec.
2
µF
C9
GREG decap
Capacitance, 20% tolerance
0.1
µF
Voltage rating
6.3
10
V
C10, C11
Optional EMI Filter capacitors
(must use L2, L3 if C10, C11 are
used)
Voltage rating
2xPVDD
V
7.2.1 Design Requirements
Table 7-1 lists the BOM components required for the application. Table 7-2 lists other requirements for the
application.
Table 7-2. Design Parameters
PARAMETER
CONDITION
SPECIFICATION
VDD supply current(1)
VDD Y-bridge disabled, 48ksps mode, all
blocks enabled
< 15mA
VDD Y-bridge disabled, 96ksps mode, all
blocks enabled
< 20mA
IOVDD supply current
1.8V mode
< 1mA
3.3V mode
< 1mA
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
48
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com