Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 36 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 32Page - Texas Instruments TAS2120 Datasheet HTML 33Page - Texas Instruments TAS2120 Datasheet HTML 34Page - Texas Instruments TAS2120 Datasheet HTML 35Page - Texas Instruments TAS2120 Datasheet HTML 36Page - Texas Instruments TAS2120 Datasheet HTML 37Page - Texas Instruments TAS2120 Datasheet HTML 38Page - Texas Instruments TAS2120 Datasheet HTML 39Page - Texas Instruments TAS2120 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
Table 6-35. Boost Phase selection from i2c target
address (continued)
BOOST_PHASE_FROM_ADDR
ESS_PIN
Status
1
Enabled(default)
Table 6-36. Boost Phase manual selection (when
BOOST_PHASE_FORM_ADDRESS_PIN = 0)
BOOST_PHASE[1:0]
Phase Delay
00
Phase shift is 0ns (default)
01
Phase shift is 65ns
(~90° for max clock)
10
Phase shift is 130ns
(~180° for max clock)
11
Phase shift is 195ns
(~270° for max clock)
6.4.5 Supply Voltage Monitors
TAS2120 has integrated SAR ADC to monitor the supply voltage pins VBAT or VBAT_SNS and PVDD. The
sensed voltages are used for internal device features, protections and can also be streamed out over digital data
bus or read through i2c registers.
The battery voltage can be sensed through either VBAT or VBAT_SNS pins based on the register
SEL_VBAT_MODE[1:0]
Table 6-37. Battery mode selection
SEL_VBAT_MODE[1:0]
Configuration
00 (default)
Voltage monitor on VBAT pin. 1S
mode of operation
01
Voltage monitor on VBAT_SNS
pin. 1S mode of operation
10
Voltage monitor on VBAT_SNS
pin. 2S mode of operation
11
Reserved
The monitor ADC samples the VBAT pin at higher rate compared to PVDD pin voltage. This sampling speed
can be swapped to prioritize PVDD pin sampling rate over VBAT, for example in case of external PVDD mode of
operation.
Table 6-38. Supply monitor sampling rate
SUPPLY_SAMPLING_RATE
Configuration
0(default)
VBAT Sampling rate is higher
than PVDD
1
PVDD Sampling rate is higher
than VBAT
The VBAT and PVDD monitored voltages are stored in the register VBAT_CNV and PVDD_CNV registers and
can be read using i2c commands.
The supply monitors are also used for voltage protection like VBAT under voltage, PVDD over voltage and
under voltage and VBAT2S under voltage. The voltage protection features monitors the supply voltages, and
shuts down the device when the voltage crosses the protection threshold levels. The device also sets the
corresponding fault register and can generate an interrupt on IRQZ pin based on configured interrupt Mask
register as described in Section 6.3.2. Once the device is shutdown, the device can be re-powered up using the
MODE[1:0] register bits.
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com