Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 5 Page - Texas Instruments

  TAS2120 Datasheet HTML 1Page - Texas Instruments TAS2120 Datasheet HTML 2Page - Texas Instruments TAS2120 Datasheet HTML 3Page - Texas Instruments TAS2120 Datasheet HTML 4Page - Texas Instruments TAS2120 Datasheet HTML 5Page - Texas Instruments TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
Standard JEDEC(2)
UNIT
HR-QFN
26 PINS
RθJA
Junction-to-ambient thermal resistance
51.5
℃/W
RθJC(top)
Junction-to-case (top) thermal resistance
28.5
℃/W
RθJB
Junction-to-board thermal resistance
15.3
℃/W
ΨJT
Junction-to-top characterization parameter
0.9
℃/W
ΨJB
Junction-to-board characterization parameter
15.2
℃/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
℃/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
JEDEC Standard 4 Layer PCB
5.5 Electrical Characteristics
TA = 25 °C, VBAT = 3.6 V, VBAT2S = 7.2V (2S mode enabled), PVDD = 12 V ( External PVDD mode enabled), VDD = 1.8
V, IOVDD = 1.8V RL = 8Ω + 33µH, LBOOST = 1µH, fin = 1 kHz, fs = 48 kHz, Gain = 21dBV, BST_ILIM (1S battery) = 5.1A,
BST_ILIM (2S battery, HW mode)=4.1A, BST_ILIM (2S battery, I2C mode)=5.1A, SDZ = 1, Noise gate disabled, Measured
filter free with an Audio Precision using 22 Hz to 20 kHz un-weighted bandwidth (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AMPLIFIER PERFORMANCE - 15V INTERNAL BOOST 1S Mode
POUT
Maximum Continuous Output Power - 1%
THDN
RL = 8 Ω + 33 µH
6.6
W
RL = 8 Ω + 33 µH, VBAT = 4.4V
8.2
W
RL = 4 Ω + 33 µH
6.6
W
RL = 4 Ω + 33 µH, VBAT = 4.4V
8.2
W
POUT
Maximum Continuous Output Power - 1%
THDN
RL = 8 Ω + 33 µH, HW pin control mode
6.6
W
RL = 4 Ω + 33 µH, HW pin control mode
6.6
W
POUT
Maximum Continuous Output Power -
10% THDN
RL = 8 Ω + 33 µH, VBAT = 4.4V
9.5
W
RL = 4 Ω + 33 µH, VBAT = 4.4V
9.5
W
ηSYSTEM_
0.5W
System Efficiency at POUT = 0.5W
RL = 8 Ω + 33 µH
84.8
%
RL = 8 Ω + 33 µH, VBAT = 4.4V
88
%
ηSYSTEM_
1W
System Efficiency at POUT = 1.0W
RL = 8 Ω + 33 µH
86.8
%
RL = 8 Ω + 33 µH, VBAT = 4.4V
87
%
ηSYSTEM_
1W
System Efficiency at POUT = 1.0W
RL = 8 Ω + 33 µH, HW pin control mode
86.8
%
RL = 4 Ω + 33 µH, HW pin control mode
86.8
%
ηSYSTEM_
MAX_POUT
System Efficiency at 1% THD+N power
Level
RL = 8 Ω + 33 µH
81.2
%
ηSYSTEM_
MAX_POUT
System Efficiency at 1% THD+N power
Level
RL = 8 Ω + 33 µH, HW pin control mode
73
%
RL = 4 Ω + 33 µH, HW pin control mode
77.4
%
VN
Idle channel Noise
A-Weighted, Gain = 6dBV (Receiver
Mode), DAC-Running
4.2
µV
A-Weighted, Gain = 21dBV (Speaker
Mode), DAC-Running
14.4
µV
DNR
Dynamic Range
A-Weighted, -60 dBFS Method, RL = 8 Ω
+ 33 µH, Gain = 6dBV (Receiver Mode)
113.7
dB
A-Weighted, -60 dBFS Method, RL = 8 Ω
+ 33 µH, Gain = 21dBV (Speaker Mode)
117.2
dB
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com