Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments TAS2120 Datasheet HTML 10Page - Texas Instruments TAS2120 Datasheet HTML 11Page - Texas Instruments TAS2120 Datasheet HTML 12Page - Texas Instruments TAS2120 Datasheet HTML 13Page - Texas Instruments TAS2120 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
5.5 Electrical Characteristics (continued)
TA = 25 °C, VBAT = 3.6 V, VBAT2S = 7.2V (2S mode enabled), PVDD = 12 V ( External PVDD mode enabled), VDD = 1.8
V, IOVDD = 1.8V RL = 8Ω + 33µH, LBOOST = 1µH, fin = 1 kHz, fs = 48 kHz, Gain = 21dBV, BST_ILIM (1S battery) = 5.1A,
BST_ILIM (2S battery, HW mode)=4.1A, BST_ILIM (2S battery, I2C mode)=5.1A, SDZ = 1, Noise gate disabled, Measured
filter free with an Audio Precision using 22 Hz to 20 kHz un-weighted bandwidth (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Channel Stop Band Attenuation
fs = 96 kHz, fin ≥ 0.55 fs
60
dB
fs = 96 kHz, fin ≥ 1 fs
65
dB
fs = 192 kHz, 0.55 fs ≥ fin ≥ 0.275 fs
60
dB
Audio Channel Group Delay
fin=1kHz, fs=96 kHz, Class-H mode
56.7
1/fs
DC to 40kHz, fs=96 kHz, HPF Bypassed,
Class-H bypassed
8.6
1/fs
DC to 40kHz, fs=192 kHz, HPF
Bypassed, Class-H Mode
117.8
1/fs
Sense Circuits
Temperature Measurement Range
–40
150
°C
Temperature Measurement Resolution
2
°C
Temperature Measurement Accuracy
Measured at 25C
±2.5
°C
VBAT Measurement Range
VBAT pin
6
V
VBAT_SNS pin
12
V
VBAT Measurement Resolution
VBAT pin
1.25
mV
VBAT_SNS pin
2.5
mV
VBAT Measurement Accuracy
VBAT pin, measured at 3.6V
±25
mV
VBAT_SNS pin, measured at 7.2V
±50
mV
PVDD Measurement Range
18
V
PVDD Measurement Resolution
3.75
mV
PVDD Measurement Accuracy
±75
mV
Protection Circuits
Thermal shutdown temperature
140
°C
Thermal shutdown retry time
1.5
s
VBAT undervoltage lockout threshold
(UVLO)
UVLO is asserted
1.9
V
UVLO is released
2.3
V
VDD undervoltage lockout threshold
(UVLO)
UVLO is asserted
1.4
V
UVLO is released
1.6
V
PVDD undervoltage lockout threshold
(UVLO)
UVLO is asserted, external PVDD mode
only
2.6
V
UVLO is released, external PVDD mode
only
2.8
V
PVDD overvoltage lockout threshold
(OVLO)
OVLO is asserted, OVLO protection
enabled.
16
V
Output Short circuit protection
Output to Output, Output to GND, Output
to PVDD, Output to VBAT, H-bridge
mode
4.1
A
Power up/down Time
TSTDBY
Turn ON time from SDZ Asserted to
device ready for i2c Command
300
us
TACTIVE
Turn ON time from release of Software
Shutdown to Amplifier output Active
Volume ramping disabled
1.6
ms
Volume ramping enabled
3.9
ms
TTURNOFF
Turn OFF time from assertion of Software
Shutdown to Amplifier output Hi-Z
Volume ramping disabled
0.2
ms
Volume ramping enabled
13.9
ms
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com