Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 19 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 15Page - Texas Instruments TAS2120 Datasheet HTML 16Page - Texas Instruments TAS2120 Datasheet HTML 17Page - Texas Instruments TAS2120 Datasheet HTML 18Page - Texas Instruments TAS2120 Datasheet HTML 19Page - Texas Instruments TAS2120 Datasheet HTML 20Page - Texas Instruments TAS2120 Datasheet HTML 21Page - Texas Instruments TAS2120 Datasheet HTML 22Page - Texas Instruments TAS2120 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
Table 6-3. SEL2 HW Mode configuration
SEL2_SCL Connection
Configuration
Direct Short to GND
I2S L or TDM0
470 to Supply
I2S R or TDM1
Direct Short to Supply
I2S (L+R)/2 or TDM2
1.2k to GND
Left-Justified L or TDM3
1.2k to Supply
Left-Justified R or TDM4
4.7k to GND
Left-Justified (L+R)/2 or TDM5
4.7k to Supply
I2S L+Tx or TDM6
24k to GND
I2S R+Tx or TDM7
24k to Supply
Reserved
Table 6-4. SEL3 HW Mode configuration
SEL3_SDA Connection
Configuration
Direct Short to GND
Data valid on rising edge
Direct Short to Supply
Data valid on falling edge
Table 6-5. SEL4 HW Mode configuration
SEL4_ADDR Connection
Configuration
Direct Short to GND
Y-bridge threshold of 80mW
Direct Short to Supply
Y-bridge threshold of 40mW
24k to Supply
Y-bridge threshold of 1mW
Table 6-6. SEL5 HW Mode configuration
SEL5_CLASSH Connection
Configuration
Direct Short to GND
1S Battery Mode, Boost ON
Direct Short to Supply
External PVDD (3S Battery)
Mode
24k to Supply
2S Battery Mode, Boost ON
6.3.1.3 Software Power Modes Control and Software Reset
The TAS2120 power state can be controlled using the register MODE[1:0]. Change in any of the MODE settings
will not cause the device to lose any of the existing device configuration register settings.
Active state: When MODE[1:0] is configured as '00', the device enters an active mode of operation with proper
power-up sequencing to minimize the click and pop.
Software shutdown state: When MODE[1:0] is configured as '10', the device enters software shutdown mode.
This mode powers down all analog blocks required to playback audio but does not cause the device to lose
register state. If audio is playing when Software Shutdown is asserted, the Class-D will volume ramp down
before shutting down. When de-asserted, the Class-D will begin switching and volume ramp back to the
programmed digital volume setting.
Clock based Active and shutdown state: When MODE[1:0] is configured as '11' the device toggles between
Active and Shutdown state based on valid ASI clock signals applied on the ASI input pins, BCLK and FSYNC.
When clocks are applied, the device will automatically detect the clock signals and follow proper power-up
sequencing to avoid any power-up click and pop. When the audio channels are powered up and the ASI
clock is removed, the device will automatically start power-down sequencing and avoid any click and pop. It is
recommended to do a volume ramp-down in the input data stream before stopping the clocks for the best pop &
click experience (device software mute mode can be used to realize this).
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com