Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 20 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 16Page - Texas Instruments TAS2120 Datasheet HTML 17Page - Texas Instruments TAS2120 Datasheet HTML 18Page - Texas Instruments TAS2120 Datasheet HTML 19Page - Texas Instruments TAS2120 Datasheet HTML 20Page - Texas Instruments TAS2120 Datasheet HTML 21Page - Texas Instruments TAS2120 Datasheet HTML 22Page - Texas Instruments TAS2120 Datasheet HTML 23Page - Texas Instruments TAS2120 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
Table 6-7. Software Mode Control
MODE[1:0]
Configuration
00
Device in active mode of
operation
01
Reserved
10 (default)
Device in software shutdown
mode
11
Device in Clock based Active and
shutdown mode
TAS2120 can be reset to its default configuration by setting the SW_RESET register to '1'. If the device is
powered up, when the SW_RESET bit is set high, all the channels are powered down immediately. All the
registers are restored to the default state when SW_RESET is set high. This bit is self-clearing and goes back to
'0' once the reset is complete.
The device can also signal to the host once the status of the device reaches Active mode of operation using the
INT_LTCH0[1] bit (Section 6.3.2). This bit is a live device status bit and reflects the device status in real-time.
This bit is set high when the device is in Active mode and set low when the device is in shutdown mode.
6.3.1.4 Efficiency and power saving modes
TAS2120 has multiple power-saving modes of operation designed to achieve the highest system level efficiency
under all operating conditions. The device transitions from one mode to the next based on the configured mode
and the signal condition. The transitions from one mode to another are automatic and designed to ensure
high-performance audio levels during the transition of the modes.
EFFICIENCY_MODE[1:0] register allows for configuration of the Music efficiency and Noise gate modes of
operation
6.3.1.4.1 Noise Gate
When the Noise gate feature is enabled, the device automatically detects periods of silence during active
playback mode and reduces the idle channel power consumption significantly to extend the battery life. This
feature is useful for signals playback having long periods of silence, eg voice calls, movie tracks, etc.
The device monitors the input audio signal level against the programmed Noise gate threshold configured by
the NG_TH_LVL[2:0] register. When the audio signal falls below the threshold, an internal Hysteresis timer
is enabled. If the signal level remains below the configured NG_TH_LVL[2:0] for the entire duration of the
NG_HYST_TIMER[1:0], the device enters into the Noise gate mode and reduces the idle channel power
consumption. In the Noise gate mode of operation, the high switching blocks like class-D PWM output are
turned OFF and outputs are pulled low. The output impedance of class-D can be controlled when the Noise gate
mode is active using the CLASSD_HIZ_MODE register. While the Noise gate mode is active, class-D outputs
are not switching and the device does not produce any audio output signal. When the device is in Noise gate
mode, the NG_STATUS bit is set as high and when the device comes out of noise gate mode, the status bit is
set to low.
When the signal level increases above the NG_TH_LVL[1:0], the device automatically wakes up the blocks in
low IQ mode and starts playing out the audio input signals. The wake up from Noise gate maintains the signal
fidelity by buffering the input signal data during the transition time from noise gate mode to active playback
mode. The device does not lose any audio input samples while transitioning from noise gate to active playback.
The transition into noise gate mode and recovery out of noise gate mode is designed to be click and pop-free by
following the proper shutdown and power up sequencing.
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com