Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 2Page - Texas Instruments TAS2120 Datasheet HTML 3Page - Texas Instruments TAS2120 Datasheet HTML 4Page - Texas Instruments TAS2120 Datasheet HTML 5Page - Texas Instruments TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments TAS2120 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
5.5 Electrical Characteristics (continued)
TA = 25 °C, VBAT = 3.6 V, VBAT2S = 7.2V (2S mode enabled), PVDD = 12 V ( External PVDD mode enabled), VDD = 1.8
V, IOVDD = 1.8V RL = 8Ω + 33µH, LBOOST = 1µH, fin = 1 kHz, fs = 48 kHz, Gain = 21dBV, BST_ILIM (1S battery) = 5.1A,
BST_ILIM (2S battery, HW mode)=4.1A, BST_ILIM (2S battery, I2C mode)=5.1A, SDZ = 1, Noise gate disabled, Measured
filter free with an Audio Precision using 22 Hz to 20 kHz un-weighted bandwidth (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD+N
Total Harmonic distortion + Noise
POUT = 1 W, RL = 8 Ω + 33 µH
0.01
%
POUT = 1 W, RL = 8 Ω + 33 µH, fin =
6.6kHz
0.01
%
POUT = 1 W, RL = 4 Ω + 33 µH
0.01
%
POUT = 0.25 W, RL = 8 Ω + 33 µH, Gain
= 6dBV (Receiver Mode)
0.01
%
KCP
Click and pop performance
All dynamic power up/downs of audio
channel except for faults. Includes in/out
of mute, power up and power down, noise
gate mode entry and exit. Measured as
peak A-weighted voltage. RL = 8 Ω + 33
µH, Input = digital silence
–67
dBV
BW
Amplifier input signal Bandwidth
fs ≥ 96ksps, Gain error < Pass-Band
Ripple
40
kHz
VFS
Full scale equivalent Voltage
Measured at -6dBFS Input
11.22
VRMS
Measured at -6dBFS Input, Gain = 6dBV
(Receiver Mode)
2.00
VRMS
AGAIN
Audio channel Gain programmability
range
Gain programmability in steps of 0.5dB
0
21
dBV
AGAIN_ER
R
Amplifier Gain error
POUT = 1W
±0.1
dB
POUT = 0.25W, Gain = 6dBV (Receiver
Mode)
±0.1
dB
VOS
Output Offset Voltage
Idle channel
–1
1
mV
Idle channel, Gain = 6dBV (Receiver
Mode)
–1
1
mV
FPWM
Class-D PWM switching Frequency
Average clock frequency
384
kHz
PSRRVB
AT
VBAT power-supply rejection ratio
VBAT = 3.6 V + 200 mVpp, fripple = 217 Hz
115
dB
VBAT = 3.6 V + 200 mVpp, fripple = 1 kHz
115
dB
VBAT = 3.6 V + 200 mVpp, fripple = 20 kHz
85
dB
PSRRVD
D
VDD power-supply rejection ratio
VDD = 1.8 V + 200 mVpp, fripple = 217 Hz
110
dB
VDD = 1.8 V + 200 mVpp, fripple = 1 kHz
110
dB
VDD = 1.8 V + 200 mVpp, fripple = 20 kHz
85
dB
MUTE_A
TTN
Mute Attenuation
Device is MUTE mode. DAC modulator
running
110
dB
AMPLIFIER PERFORMANCE - INTERNAL BOOST 2S Mode
POUT_BO
OST_2S
Maximum Continuous Output Power -
10% THDN
RL = 8 Ω + 33 µH
9.8
W
POUT_BO
OST_2S
Maximum Continuous Output Power -
10% THDN
RL = 8 Ω + 33 µH, VBAT2S = 8.4V
10.5
W
ηSYSTEM_
0.5W_2S
System Efficiency at POUT = 0.5W
RL = 8 Ω + 33 µH
87.0
%
RL = 8 Ω + 33 µH, VBAT2S= 8.4V
86.2
%
RL = 4 Ω + 33 µH
83.5
%
RL = 4 Ω + 33 µH, VBAT2S = 8.4V
82.7
%
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com