Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 38 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 34Page - Texas Instruments TAS2120 Datasheet HTML 35Page - Texas Instruments TAS2120 Datasheet HTML 36Page - Texas Instruments TAS2120 Datasheet HTML 37Page - Texas Instruments TAS2120 Datasheet HTML 38Page - Texas Instruments TAS2120 Datasheet HTML 39Page - Texas Instruments TAS2120 Datasheet HTML 40Page - Texas Instruments TAS2120 Datasheet HTML 41Page - Texas Instruments TAS2120 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
detect improper SBCLK frequencies and SBCLK to FSYNC ratios and volume ramp down the playback path to
minimize audible artifacts.
Table 6-41. Supported SBCLK Frequencies (MHz) (48 kHz based sample rates)
Sample
Rate (kHz)
SBCLK to FSYNC Ratio
16
24
32
48
64
96
128
192
256
384
512
125
250
500
16 kHz
NA
0.384
0.512
0.768
1.024
1.536
2.048
3.072
4.096
6.144
8.192
2
4
8
24 kHz
0.384
0.576
0.768
1.152
1.536
2.304
3.072
4.608
6.144
9.216
12.288
3
6
12
32 kHz
0.512
0.768
1.024
1.536
2.048
3.072
4.096
6.144
8.192
12.288 16.384
4
8
16
48 kHz
0.768
1.152
1.536
2.304
3.072
4.608
6.144
9.216
12.288 18.432 24.576
6
12
24
96 kHz
1.536
2.304
3.072
4.608
6.144
9.216
12.288 18.432 24.576
NA
NA
12
24
NA
192 kHz
3.027
4.608
6.144
9.216
12.288 18.432 24.576
NA
NA
NA
NA
24
NA
NA
6.4.7.1 Auto clock based wakeup and clock errors
TAS2120 supports flexible operating mode transition from active to shutdown and vice-verse using ASI clock
auto detection feature. When MODE[1:0] is configured as '11' the device toggles between Active and Software
shutdown state based on valid ASI clock signals applied on the ASI input pins, ie BCLK and FSYNC. If no ASI
clocks are detected in this mode, the device remains in software shutdown, with software shutdown mode IQ
on VDD pin, until a valid BCLK and FSYNC clock is detected. Once a valid clock is detected, the device is
powered up in active state until the clocks are valid or device is shutdown using software or hardware shutdown
commands.
The device can detect and raise interrupt flags on detection of incorrect clock configurations based on status of
CLK_ERR_PWR_EN. When this bit is set high, the device monitors for activity on the clock pins and flags any
error using the latched interrupts status register. The device can also raise interrupts using IRQZ pin based on
status of the corresponding interrupt MASK registers. When the error protection bit is enabled, if a clock error is
detected, the device will automatically shutdown with proper shutdown sequencing and minimize any clicks and
pops due to invalid clocks.
When the device is in shutdown state, the clock error detection can be delayed to provide system with time
required to settle the input clocks. This power up delay in clock error detection is controlled using an internal
pre-power up clock error detection timer configured by CLK_HALT_TIMER. If device doesn't detect a valid clock
at the end of the CLK_HALT_TIMER expiry, the Pre-Power-up Clock error is flagged on INT_LTCH4[2] bit, and
corresponding interrupt can be generated on IRQZ pin based on status of INT_MASK4[2] bit. When MODE[1:0]
is configured as '11' (Wake-up on ASI mode), CLK_HALT_TIMER of '000' is not recommended and it stops the
device from entering the software shutdown and increases the VDD IQ while the device is shutdown.
Once the device is powered up, the external and internally generated clocks are constantly monitored based on
status of CLK_ERR_PWR_EN bit. If enabled, any error in external or internal clock is flagged using the clock
error status register INT_LTCH2[3] bit, and corresponding interrupt can be generated on IRQZ pin based on
status of INT_MASK2[3].
For system flexibility, the device will also set the error status for the type of detected clock error. The device
can also be configured to raise an interrupt on IRQZ pin for any specific type of clock error, instead of using
the generic clock error interrupt generation. Table 6-44 below explains the different type of clock errors and
corresponding status bits and interrupt MASK register bits. One or more register bits in the table below can be
set based on the type of clock error detected.
If the device shuts down due to any type of clock error, it can attempt to re-power itself automatically when
MODE[1:0] is set to '11'.
Table 6-42. Clock Error detection control
CLK_ERR_PWR_EN
Setting
0
Disabled
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
38
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com