Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 32 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 28Page - Texas Instruments TAS2120 Datasheet HTML 29Page - Texas Instruments TAS2120 Datasheet HTML 30Page - Texas Instruments TAS2120 Datasheet HTML 31Page - Texas Instruments TAS2120 Datasheet HTML 32Page - Texas Instruments TAS2120 Datasheet HTML 33Page - Texas Instruments TAS2120 Datasheet HTML 34Page - Texas Instruments TAS2120 Datasheet HTML 35Page - Texas Instruments TAS2120 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
The internally generated tone can be mixed with incoming audio stream, or can replace the input audio stream
and only tone signal is generated using INTERNAL_TONE_MIXING_EN register.
Table 6-26. Internal tone generator mixing options
INTERNAL_TONE_MIXING_EN
Configuration
0
Only internal tone is generated.
1(default)
Internally generated tone is mixed
with input audio data and played
together.
The tone generator can use external clock source like BCLK, or it can be generated using internal oscillator to
generate tone signals even with no external clock sources using INTERNAL_TONE_CLK_SEL register.
Table 6-27. Internal tone clock source selection
INTERNAL_TONE_CLK_SEL
Configuration
0 (default)
Tone generator uses external
clocks
1
Tone generator uses internal
oscillator
6.4.3 Digital Audio Serial Interface
The device provides a flexible Audio Serial Interface (ASI) port. The port can be configured to support a variety
of formats including stereo I2S, Left Justified, and TDM. Mono audio playback is available via the SDIN pin. The
SDOUT pin is used to transmit sample streams including PVDD voltage, VBAT voltage, die temperature, status
and audio for echo reference.
The TDM serial audio port supports up to 16 32-bit time slots at 44.1/48 kHz, 8 32-bit time slots at a 88.2/96
kHz sample rate and 4 32-bit time slots at a 176.4/192 kHz sample rate. The device supports 2 time slots
at 32 bits in width and 4 or 8 time slots at 16, 24 or 32 bits in width. The device automatically detects the
number of time slots and this does not need to be programmed. PCM data sampling rate and SBCLK to FSYNC
ratio detected on the TDM bus is reported back on the read-only register bits FS_RATE_DETECTED[2:0] and
FS_RATIO_DETECTED[3:0] respectively.
Table 6-28. PCM Data Sample Rate Detected
FS_RATE_DETECTED[2:0]
(Read Only)
Setting
000
Reserved
001
14.7 kHz / 16 kHz
010
22.05 kHz / 24 kHz
011
29.4 kHz / 32 kHz
100 (default)
44.1 kHz / 48 kHz
101
88.2 kHz / 96 kHz
110
176.4 kHz / 192 kHz
111
Error condition
A frame begins with the transition of FSYNC from either high to low or low to high (set by the FRAME_START
register bit). FSYNC and SDIN are sampled by SBCLK using either the rising or falling edge set by the
RX_EDGE register bit. The RX_OFFSET[4:0] register bits define the number of SBCLK cycles from the
transition of FSYNC until the beginning of time slot 0. This is typically set to a value of 0 for Left Justified
format and 1 for an I2S format.
The RX_SLEN[1:0] register bits set the length of the RX time slot to 16, 24 or 32 (default) bits. The length of
the audio sample word within the time slot is configured by the RX_WLEN[1:0] register bits. The RX port will
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com