Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 22 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 18Page - Texas Instruments TAS2120 Datasheet HTML 19Page - Texas Instruments TAS2120 Datasheet HTML 20Page - Texas Instruments TAS2120 Datasheet HTML 21Page - Texas Instruments TAS2120 Datasheet HTML 22Page - Texas Instruments TAS2120 Datasheet HTML 23Page - Texas Instruments TAS2120 Datasheet HTML 24Page - Texas Instruments TAS2120 Datasheet HTML 25Page - Texas Instruments TAS2120 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
When the signal level increases above the VDD_MODE_THR_LVL[23:0] plus VDD_MODE_HYST[23:0], the
device starts switching the output PWM signal on PVDD supply without introducing any signal clipping.
The VDD_MODE_THR_LVL[23:0] and VDD_MODE_HYST[23:0] registers can be configured using the PPC3
Software Section 6.4.1.
Table 6-10. VDD Y-bridge hysteresis timer
YBRIDGE_HYST_TIMER[1:0]
Configuration
00
100us
01 (default)
500us
10
5ms
11
50ms
Table 6-11. VDD Y-bridge enable
EN_Y_BRIDGE_MODE
Configuration
0
Y-bridge mode is disabled
1 (default)
Y-bridge mode is enabled
6.3.1.4.4 Class-H Boost
TAS2120 has an advanced class-H algorithm to control the integrated Boost. The class-H algorithm enables
Boost supply to closely track audio signal levels and achieve high system level efficiency for extending battery
life. Class-H mode is enabled using the BST_MODE[1:0] register.
The class-H algorithm buffers the input signal to enable sufficient look-ahead time required to charge the Boost
output capacitor and avoid any signal clipping. The algorithm monitors the input signal level and uses system-
level parameters configured in PPC3 software like Boost output voltage, Boost output capacitor, channel gain,
and so forth. and computes the most optimum class-H tuning parameters. These tuning parameter registers are
then calculated in the PPC3 software and configured in the corresponding CLASSH_TUNING_x[23:0] registers.
When the BST_MODE[1:0] is configured to use the device in Class-G mode or Boost always-ON mode, the max
inrush current from the battery can be controlled by setting the Inrush current parameter in PPC3 software. The
software generates the required coefficients in the CLASSH_TUNING_x[23:0] register based on the system level
parameters configured like Boost output capacitor, Inrush current required, and so forth.
6.3.1.5 2S Battery Mode
TAS2120 can be configured to function for different battery systems like single series cell (1S) Li-ion battery (2.5
V to 5.5 V) or 2-series cell (2S) series cell battery (4.7 V to 10 V). When the 2S battery is selected for the device,
the diagram below shows the conceptual connections in the system to connect the 2S battery. When selected
for 2S battery operation, the VBAT pin of the device is used for biasing internal blocks and needs to be supplied
from external power source between 3.0 V to 5.5 V.
The internal battery voltage monitor needs to be switched to sense the voltage on the VBAT_SNS pin instead of
the default sensing done on the VBAT pin. SEL_VBAT_MODE[1:0] configures the internal voltage monitor and
the device configuration between 1S or 2S battery systems.
When SEL_VBAT_MODE[1:0] is set as '10', ie 2S mode of operation, the device internal bias voltage needs
to be configured based on VBAT_BIAS_SELx registers. If the VBAT pin voltage is available from the center
tap or half of the 2S battery voltage, the VBAT_BIAS_SEL1 needs to be set high. For other VBAT voltage
configurations the VBAT_BIAS_SEL1 should be set low and appropriate VBAT_BIAS_SEL2 configuration should
be selected.
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com