Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 22 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 22 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 18Page - PMC-Sierra, Inc PM7346 Datasheet HTML 19Page - PMC-Sierra, Inc PM7346 Datasheet HTML 20Page - PMC-Sierra, Inc PM7346 Datasheet HTML 21Page - PMC-Sierra, Inc PM7346 Datasheet HTML 22Page - PMC-Sierra, Inc PM7346 Datasheet HTML 23Page - PMC-Sierra, Inc PM7346 Datasheet HTML 24Page - PMC-Sierra, Inc PM7346 Datasheet HTML 25Page - PMC-Sierra, Inc PM7346 Datasheet HTML 26Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 1
1
FEATURES
• Single chip quad ATM User Network Interface operating at 44.736 Mbit/s,
34.368 Mbit/s, and 6.312 Mbit/s conforming to ATMF-95-1207R1, ATMF-94-
0406R5, and AF-PHY-0029.000. Each line can be individually configured for
the desired rate.
• Implements ATM Direct Cell Mapping into DS1, DS3, E1, E3, and J2
transmission systems according to ITU-T Recommendation G.804.
• Provides a UTOPIA Level 2 compatible ATM-PHY Interface.
• Implements the Physical Layer Convergence Protocol (PLCP) for DS1 and
DS3 transmission systems according to the ATM Forum User Network
Interface Specification and ANSI TA-TSY-000773, TA-TSY-000772, and E1
and E3 transmission systems according to the ETSI 300-269 and ETSI 300-
270.
• Support is provided for SMDS and ATM mappings into various rate
transmission systems as follows:
Table 1
- Supported Operating Formats
Rate
Format
Framer
Only
SMDS PLCP
Mapping
ATM Direct
Mapping
C-bit Parity
YES
YES
YES
T3
(44.736 Mbit/s)
M23
YES
YES
YES
G.751
YES
YES
YES
E3
(34.368 Mbit/s)
G.832
YES
n/a
YES
J2
(6.312 Mbit/s)
G.704 & NTT
YES
n/a
YES
CRC-4
external
YES
YES
E1
(2.048 Mbit/s)
PCM30
external
YES
YES
ESF
external
YES
YES
T1
(1.544 Mbit/s)
SF
external
YES
YES
Arbitrary Cell
Rate
(up to 52 Mbit/s)
bypass
n/a
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com