Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 63 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 63 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 59Page - PMC-Sierra, Inc PM7346 Datasheet HTML 60Page - PMC-Sierra, Inc PM7346 Datasheet HTML 61Page - PMC-Sierra, Inc PM7346 Datasheet HTML 62Page - PMC-Sierra, Inc PM7346 Datasheet HTML 63Page - PMC-Sierra, Inc PM7346 Datasheet HTML 64Page - PMC-Sierra, Inc PM7346 Datasheet HTML 65Page - PMC-Sierra, Inc PM7346 Datasheet HTML 66Page - PMC-Sierra, Inc PM7346 Datasheet HTML 67Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 42
Pin Name
Type
Pin No.
Function
TPRTY
Input
G19
Transmit bus parity (TPRTY). The transmit
parity (TPRTY) signal indicates the parity
of the TDAT[15:0] or TDAT[7:0] bus. If
configured for the 8-bit bus (via the ATM8
input pin), then parity is calculated over
TDAT[7:0]. If configured for the 16-bit bus,
then parity is calculated over TDAT[15:0].
A parity error is indicated by a status bit
and a maskable interrupt. Cells with parity
errors are inserted in the transmit stream,
so the TPRTY input may be unused.
Odd or even parity selection is made using
the TPTYP register bit. TPRTY is sampled
on the rising edge of TFCLK and is
considered valid only when TENB is
simultaneously asserted and the
S/UNI-QJET has been selected via the
TADR[4:0] and PHY_ADR[2:0] inputs.
TSOC
Input
G20
Transmit Start of Cell (TSOC). The
transmit start of cell (TSOC) signal marks
the start of cell on the TDAT bus. When
TSOC is high, the first word of the cell
structure is present on the TDAT bus. It is
not necessary for TSOC to be present for
each cell. An interrupt may be generated
if TSOC is high during any word other than
the first word of the cell structure. TSOC is
sampled on the rising edge of TFCLK and
is considered valid only when TENB is
simultaneously asserted and the
S/UNI-QJET has been selected via the
TADR[4:2] and PHY_ADR[2:0] inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com