Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 90 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 90 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 86Page - PMC-Sierra, Inc PM7346 Datasheet HTML 87Page - PMC-Sierra, Inc PM7346 Datasheet HTML 88Page - PMC-Sierra, Inc PM7346 Datasheet HTML 89Page - PMC-Sierra, Inc PM7346 Datasheet HTML 90Page - PMC-Sierra, Inc PM7346 Datasheet HTML 91Page - PMC-Sierra, Inc PM7346 Datasheet HTML 92Page - PMC-Sierra, Inc PM7346 Datasheet HTML 93Page - PMC-Sierra, Inc PM7346 Datasheet HTML 94Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 69
synchronization process. ALPHA is chosen to be 7 and DELTA is chosen to be 6
as recommended in ITU-T Recommendation I.432. These values result in a
maximum average time to frame of 127 µs for a DS3 stream carrying ATM cells
directly mapped into the DS3 information payload.
Loss of cell delineation (LCD) is detected by counting the number of incorrect
cells while in the HUNT state. The counter value is stored in the RXCP-50 LCD
Count Threshold register. The threshold has a default value of 360 which results
in a DS3 application detection time of 3.5 ms, an E3 G.832 application detection
time of 4.5 ms, and E3 G.751 application detection time of 5.0 ms, a J2
application time of 24.8ms, an E1 application detection time of 77 ms, and a DS1
application detection time of 100 ms. If the counter value is set to zero, the LCD
output signal is asserted for every incorrect cell.
9.9
RXCP-50 Receive Cell Processor
The Receive Cell Processor (RXCP-50) Block integrates circuitry to support
scrambled or unscrambled cell payloads, scrambled or unscrambled cell
headers, header check sequence (HCS) verification, idle cell filtering, and
performance monitoring.
The RXCP-50 operates upon a delineated cell stream. For PLCP based
transmissions systems, cell delineation is performed by the SPLR. For non-
PLCP based transmission systems, cell delineation is performed by the ATMF.
Framing status indications from these blocks ensure that cells are not written to
the RXFF while the SPLR is in the loss of frame state, or cells are not written to
the RXFF while the ATMF is in the HUNT or PRESYNC states.
The RXCP-50 descrambles the cell payload field using the self synchronizing
descrambler with a polynomial of x43 + 1. The header portion of the cells can
optionally be descrambled also. Note that cell payload scrambling is enabled by
default in the S/UNI-QJET as required by ITU-T Recommendation I.432, but may
be disabled to ensure backwards compatibility with older equipment.
The HCS is a CRC-8 calculation over the first 4 octets of the ATM cell header.
The RXCP-50 verifies the received HCS using the accumulation polynomial, x8 +
x2 + x + 1. The coset polynomial x6 + x4 + x2 + 1 is added (modulo 2) to the
received HCS octet before comparison with the calculated result as required by
the ATM Forum UNI specification, and ITU-T Recommendation I.432.
The RXCP-50 can be programmed to drop all cells containing an HCS error or to
filter cells based on the HCS and the cell header. Filtering according to a
particular HCS and the GFC, PTI, and CLP bits of the ATM cell header (the VCI
and VPI bits must be all logic 0) is programmable through the RXCP-50 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com