Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 93 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 93 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 89Page - PMC-Sierra, Inc PM7346 Datasheet HTML 90Page - PMC-Sierra, Inc PM7346 Datasheet HTML 91Page - PMC-Sierra, Inc PM7346 Datasheet HTML 92Page - PMC-Sierra, Inc PM7346 Datasheet HTML 93Page - PMC-Sierra, Inc PM7346 Datasheet HTML 94Page - PMC-Sierra, Inc PM7346 Datasheet HTML 95Page - PMC-Sierra, Inc PM7346 Datasheet HTML 96Page - PMC-Sierra, Inc PM7346 Datasheet HTML 97Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 72
of RFCLK). The RCA (and DRCA[x]) status changes from available to
unavailable when the FIFO is either empty (RCALEVEL0=1) or near empty
(RCALEVEL0 is logic 0). This interface also indicates FIFO overruns via a
maskable interrupt and register bits. Read accesses while RCA (or DRCA[x]) is
a logic 0 will output invalid data.
9.11 CPPM Cell and PLCP Performance Monitor
The Cell and PLCP Performance Monitor (CPPM) Block interfaces directly to the
SPLR to accumulate bit interleaved parity error events, framing octet error
events, and far end block error events in saturating counters. When the PLCP
framer (SPLR) declares loss of frame, bit interleaved parity error events, framing
octet error events, far end block error events, header check sequence error
events are not counted.
When an accumulation interval is signaled by a write to the CPPM register
address space or to the S/UNI-QJET Identification, Master Reset, and Global
Monitor Update register, the CPPM transfers the current counter values into
holding registers and resets the counters to begin accumulating error events for
the next interval. The counters are reset in such a manner that error events
occurring during the reset period are not missed.
9.12 PRGD Pseudo-Random Sequence Generator/Detector
The Pseudo-Random Sequence Generator/Detector (PRGD) block is a software
programmable test pattern generator, receiver, and analyzer. Two types of test
patterns (pseudo-random and repetitive) conform to ITU-T O.151.
The PRGD can be programmed to generate any pseudo-random pattern with
length up to 232-1 bits or any user programmable bit pattern from 1 to 32 bits in
length. In addition, the PRGD can insert single bit errors or a bit error rate
between 10-1 to 10-7.
The PRGD can be programmed to check for the presence of the generated
pseudo-random pattern. The PRGD can perform an auto-synchronization to the
expected pattern, and generate interrupts on detection and loss of the specified
pattern. The PRGD can accumulate the total number of bits received and the
total number of bit errors in two saturating 32-bit counters. The counters
accumulate over an interval defined by writes to the S/UNI-QJET
Identification/Master Reset, and Global Monitor Update register (register 006H)
or by writes to any PRGD accumulation register. When an accumulation is forced
by either method, then the holding registers are updated, and the counters reset
to begin accumulating for the next interval. The counters are reset in such a way



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com