Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 85 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 85 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 81Page - PMC-Sierra, Inc PM7346 Datasheet HTML 82Page - PMC-Sierra, Inc PM7346 Datasheet HTML 83Page - PMC-Sierra, Inc PM7346 Datasheet HTML 84Page - PMC-Sierra, Inc PM7346 Datasheet HTML 85Page - PMC-Sierra, Inc PM7346 Datasheet HTML 86Page - PMC-Sierra, Inc PM7346 Datasheet HTML 87Page - PMC-Sierra, Inc PM7346 Datasheet HTML 88Page - PMC-Sierra, Inc PM7346 Datasheet HTML 89Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 64
Figure 9
- Framing Algorithm (CRC_REFR = 1)
Mark multifram e alignm ent
C onfirm F ram ing Pattern
in nex t m ultifra m e
S lip 1 b it
Fra m ing
Patte rn
M a tc he d
Else
Fail
C onfirm F ram ing Pattern
in nex t m ultifra m e
Pass
Declare in-fram e
Pass
C hec k C R C -5 Sequence
Pass
Pass
C hec k C R C -5 Sequenc e
Fail
Res et
or
O ut o f Fram e
Fail
Fail
Using this algorithm, the J2-FRMR will find frame in 10.22ms, on average when
starting the search in the worst possible position, given a 10-4 error rate and no
static mimic patterns. The algorithm will reject 99.90% of mimic patterns.
Further protection against mimic patterns is available by monitoring the rate of
CRC-5 errors.
Once frame alignment is found, the block sets the LOF indication low, indicates a
change of frame alignment (if it occurred). The block declares loss of frame
alignment if 7 consecutive FASs have been received in error. In the presence of
a random 10-3 bit error rate the frame loss criteria provides a mean time to
falsely lose frame alignment of 1.65 years. The Frame Find Block can be forced
to initiate a frame search at any time when the REFRAME bit in the J2-FRMR
Configuration. Conversely, when the FLOCK bit is set to logic 1, the J2-FRMR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com