Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 99 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 99 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 95Page - PMC-Sierra, Inc PM7346 Datasheet HTML 96Page - PMC-Sierra, Inc PM7346 Datasheet HTML 97Page - PMC-Sierra, Inc PM7346 Datasheet HTML 98Page - PMC-Sierra, Inc PM7346 Datasheet HTML 99Page - PMC-Sierra, Inc PM7346 Datasheet HTML 100Page - PMC-Sierra, Inc PM7346 Datasheet HTML 101Page - PMC-Sierra, Inc PM7346 Datasheet HTML 102Page - PMC-Sierra, Inc PM7346 Datasheet HTML 103Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 78
9.18 SPLT SMDS PLCP Layer Transmitter
The SMDS PLCP Layer Transmitter (SPLT ) Block integrates circuitry to support
DS1, DS3, E1, and G.751 E3 based PLCP frame insertion.
The SPLT automatically inserts the framing (A1, A2) and path overhead
identification (POHID) octets and provides registers or automatic generation of
the F1, B1, G1, M2, M1 and C1 octets.
Registers are provided for the path user channel octet (F1) and the path status
octet (G1). The bit interleaved parity octet (B1) and the FEBE subfield are
automatically inserted.
The DQDB management information octets, M1 and M2 are generated. The type
0 and type 1 patterns described in TA-TSY-000772 are automatically inserted.
The type 1 page counter may be reset using a register bit in the SPLT
Configuration register. Note that this feature is not required for the ATM Forum
compliant DS3 UNI. For this application, the M1 and M2 octets must be set to all
zeros.
The PLCP transmit frame C1 cycle/stuff counter octet and the transmit stuffing
pattern can be referenced to the REF8KI input pin. Alternately, a fixed stuffing
pattern may be inserted into the C1 cycle/stuff counter octet. A looped timing
operating mode is provided where the transmit PLCP timing is derived from the
received timing. In this mode, the C1 stuffing is generated based on the received
stuffing pattern as determined by the SPLR block. When DS1 or E1 PLCP
format is enabled, the pattern 00H is inserted.
When DS3 PLCP format is enabled, the C1 octet indicates the phase of the 375
µs nibble stuffing opportunity cycle. During frame one of the three frame cycle,
the pattern FFH is inserted in the C1 octet, indicating a 13 nibble trailer length.
During frame two, the pattern 00H is inserted, indicating a 14 nibble trailer
length. During frame three, the pattern 66H or 99H is inserted, indicating a 13 or
14 nibble trailer length respectively.
When configured for G.751 E3 PLCP frame format, the C1 octet is used to
indicate the number of octets stuffed in the trailer. The following table shows the
C1 octet pattern for each of the possible octet stuff lengths:
Stuff Length
C1(Hex)
17
3B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com