Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 52 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 52 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 48Page - PMC-Sierra, Inc PM7346 Datasheet HTML 49Page - PMC-Sierra, Inc PM7346 Datasheet HTML 50Page - PMC-Sierra, Inc PM7346 Datasheet HTML 51Page - PMC-Sierra, Inc PM7346 Datasheet HTML 52Page - PMC-Sierra, Inc PM7346 Datasheet HTML 53Page - PMC-Sierra, Inc PM7346 Datasheet HTML 54Page - PMC-Sierra, Inc PM7346 Datasheet HTML 55Page - PMC-Sierra, Inc PM7346 Datasheet HTML 56Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 31
Pin Name
Type
Pin No.
Function
TFPO[4]
TFPO[3]
TFPO[2]
TFPO[1]
TMFPO[4]
TMFPO[3]
TMFPO[2]
TMFPO[1]
Output
W14
Y10
Y7
V5
Framer Transmit Frame Pulse/Multi-frame
Pulse Reference (TFPO/TMFPO[4:1]).
TFPO/TMFPO[4:1] is valid when the
S/UNI-QJET is configured as a DS3, E3,
or J2 framer for non-ATM applications by
setting the FRMRONLY bit in the
S/UNI-QJET Configuration 1 Registers to
logic 1 and the TXGAPEN bit in the
S/UNI-QJET Configuration Registers to
logic 0.
TFPO[4:1] pulses high for 1 out of every
85 clock cycles when configured for DS3,
giving a free-running mark for all overhead
bits in the frame. TFPO[4:1] pulses high
for 1 out of every 1536 clock cycles when
configured for G.751 E3, giving a free-
running reference G.751 indication.
TFPO[4:1] pulses high for 1 out of every
4296 clock cycles when configured for
G.832 E3, giving a free-running reference
G.832 frame indication. TFPO[4:1] pulses
high for 1 out of every 789 clock cycles
when configured for J2, giving a free-
running reference frame indication.
TMFPO[4:1] pulses high for 1 out of every
4760 clock cycles when configured for
DS3, giving a free-running reference M-
frame indication. TMFPO[4:1] pulses high
for 1 out of every 3156 clock cycles when
configured for J2, giving a free-running
reference multi-frame indication.
TMFPO[4:1] behaves the same as
TFPO[4:1] for E3 applications.
TFPO/TMFPO[4:1] is updated on the
rising edge of TICLK[4:1] or RCLK[4:1] if
loop-timed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com