Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 66 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 66 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 62Page - PMC-Sierra, Inc PM7346 Datasheet HTML 63Page - PMC-Sierra, Inc PM7346 Datasheet HTML 64Page - PMC-Sierra, Inc PM7346 Datasheet HTML 65Page - PMC-Sierra, Inc PM7346 Datasheet HTML 66Page - PMC-Sierra, Inc PM7346 Datasheet HTML 67Page - PMC-Sierra, Inc PM7346 Datasheet HTML 68Page - PMC-Sierra, Inc PM7346 Datasheet HTML 69Page - PMC-Sierra, Inc PM7346 Datasheet HTML 70Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 45
Pin Name
Type
Pin No.
Function
TFCLK
Input
E20
Transmit FIFO Write Clock (TFCLK). This
signal is used to write ATM cells to the four
cell transmit FIFOs. TFCLK cycles at a 52
MHz or lower instantaneous rate.
Please note that the TFCLK input is not 5
V tolerant, it is a 3.3 V only input pin.
DTCA[4]
DTCA[3]
DTCA[2]
DTCA[1]
Output
J17
J18
J19
K19
Direct Access Transmit Cell Available
(DTCA[4:1]). These output signals
indicate when a cell is available in the
transmit FIFO for the corresponding port.
When high, DTCA[x] indicates that the
corresponding transmit FIFO is not full and
a complete cell may be written. DTCA[x]
can be configured to indicate either that
the corresponding transmit FIFO is near
full and can accept no more than four
writes or that the corresponding transmit
FIFO is full. DTCA[x] will thus transition
low on the rising edge of TFLCK which
samples Payload byte 43 (TCALEVEL0=0)
or 47 (TCALEVEL0=1) for the 8-bit
interface (ATM8=1), or the rising edge of
TFCLK which samples Payload word 19
(TCALEVEL0=0) or 23 (TCALEVEL0=1)
for the 16-bit interface (ATM8=0). To
reduce FIFO latency, the FIFO depth at
which DTCA[x] indicates "full" can be set
to one, two, three or four cells. Note that
regardless of what fill level DTCA[x] is set
to indicate "full" at, the transmit cell
processor can store 4 complete cells.
The polarity of DTCA[x] (with respect the
the description above) is inverted when
the TCAINV register bit is set to logic 1.
The DTCA[4:1] outputs can be used to
support Utopia Direct Access mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com