Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 59 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 59 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 55Page - PMC-Sierra, Inc PM7346 Datasheet HTML 56Page - PMC-Sierra, Inc PM7346 Datasheet HTML 57Page - PMC-Sierra, Inc PM7346 Datasheet HTML 58Page - PMC-Sierra, Inc PM7346 Datasheet HTML 59Page - PMC-Sierra, Inc PM7346 Datasheet HTML 60Page - PMC-Sierra, Inc PM7346 Datasheet HTML 61Page - PMC-Sierra, Inc PM7346 Datasheet HTML 62Page - PMC-Sierra, Inc PM7346 Datasheet HTML 63Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 38
Pin Name
Type
Pin No.
Function
ROVRHD[4]
ROVRHD[3]
ROVRHD[2]
ROVRHD[1]
Output
V13
V10
U8
W4
Framer Receive Overhead Indication
(ROVRHD[4:1]). ROVRHD[4:1] is valid
when the S/UNI-QJET is configured as a
DS3, E3, or J2 framer for non-ATM
applications by setting the FRMRONLY bit
in the S/UNI-QJET Configuration 1
Registers. ROVRHD[4:1] will be high
whenever the data on RDATO[4:1]
corresponds to an overhead bit position.
ROVRHD[4:1] is updated on the either the
falling or rising edge of RSCLK[4:1]
depending on the setting of the RSCLKR
bit in the S/UNI-QJET Receive
Configuration register.
RPOHCLK[4]
RPOHCLK[3]
RPOHCLK[2]
RPOHCLK[1]
Output
W13
U10
V7
U5
Receive PLCP Overhead Clock
(RPOHCLK[4:1]). RPOHCLK[4:1] is active
when PLCP processing is enabled. The
frequency of this signal depends on the
selected PLCP format. RPOHCLK[4:1] is
nominally a 26.7 kHz clock for a DS1
PLCP frame, a 768 kHz clock for a DS3
PLCP frame, a 33.7 kHz clock for an E1
based PLCP frame, or a 576 kHz clock for
a G.751 E3 based PLCP frame.
RPOHFP[4:1] and RPOH[4:1] are updated
on the falling edge of RPOHCLK[4:1].
RSCLK[4]
RSCLK[3]
RSCLK[2]
RSCLK[1]
Framer Recovered Clock (RSCLK[4:1]).
RSCLK[4:1] is valid when the S/UNI-QJET
is configured as a DS3, E3, or J2 framer
for non-ATM applications by setting the
FRMRONLY bit in the S/UNI-QJET
Configuration Register.
RSCLK[4:1] is the recovered clock and
timing reference for RDATO[4:1],
RFPO/RMFPO[4:1], and ROVRHD[4:1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com