Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 25 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 25 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 21Page - PMC-Sierra, Inc PM7346 Datasheet HTML 22Page - PMC-Sierra, Inc PM7346 Datasheet HTML 23Page - PMC-Sierra, Inc PM7346 Datasheet HTML 24Page - PMC-Sierra, Inc PM7346 Datasheet HTML 25Page - PMC-Sierra, Inc PM7346 Datasheet HTML 26Page - PMC-Sierra, Inc PM7346 Datasheet HTML 27Page - PMC-Sierra, Inc PM7346 Datasheet HTML 28Page - PMC-Sierra, Inc PM7346 Datasheet HTML 29Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 4
• Provides programmable pseudo-random test-sequence detection (up to 232-
1 bit length patterns conforming to ITU-T O.151 standards) and analysis
features.
The transmitter section:
• Provides frame insertion for the M23 or C-bit parity DS3 applications, alarm
insertion, and diagnostic features. In addition, far end alarm channel codes
may be inserted, and an integral HDLC transmitter is provided to insert the
path maintenance data link.
• Provides frame insertion for the G.751 or G.832 E3 applications, alarm
insertion, and diagnostic features. In addition, for G.832, the Trail Trace is
inserted, and an integral HDLC transmitter is provided to insert either the
Network Requirement or the General Purpose data link.
• Provides frame insertion for G.704 6.312 Mbit/s J2 applications, alarm
insertion, and diagnostic features. An integral HDLC transmitter is provided
to insert the path maintenance data link.
• Provides frame insertion and path overhead insertion for DS1, DS3, E1 or E3
based PLCP formats. In addition, alarm insertion and diagnostic features are
provided.
• Provides a 50 MHz 8-bit wide or 16-bit wide Utopia FIFO buffer in the transmit
path with parity support and multi-PHY (Level 2) control signals.
• Provides optional ATM cell scrambling, header scrambling (for use with PPP
packets), HCS generation/insertion, programmable idle cell insertion,
diagnostics features and accumulates transmitted cells read from the FIFO.
• Provides a four cell FIFO for rate decoupling between the line and a higher
layer processing entity. FIFO latency may be reduced by changing the
number of operational cell FIFOs.
• Provides a transmit HDLC controller with a 128-byte FIFO.
• Provides an 8 kHz reference input for locking the transmit PLCP frame rate to
an externally applied frame reference.
• Provides programmable pseudo-random test sequence generation (up to
232-1 bit length sequences conforming to ITU-T O.151 standards).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com