Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 65 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 65 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 61Page - PMC-Sierra, Inc PM7346 Datasheet HTML 62Page - PMC-Sierra, Inc PM7346 Datasheet HTML 63Page - PMC-Sierra, Inc PM7346 Datasheet HTML 64Page - PMC-Sierra, Inc PM7346 Datasheet HTML 65Page - PMC-Sierra, Inc PM7346 Datasheet HTML 66Page - PMC-Sierra, Inc PM7346 Datasheet HTML 67Page - PMC-Sierra, Inc PM7346 Datasheet HTML 68Page - PMC-Sierra, Inc PM7346 Datasheet HTML 69Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 44
Pin Name
Type
Pin No.
Function
TCA
Output
H19
Transmit Multi-Phy Cell Available (TCA).
The TCA signal indicates when a cell is
available in the transmit FIFO for the port
selected by TADR[4:0]. When high, TCA
indicates that the corresponding transmit
FIFO is not full and a complete cell may be
written. When TCA goes low, it can be
configured to indicate either that the
corresponding transmit FIFO is near full or
that the corresponding transmit FIFO is
full. TCA will transition low on the rising
edge of TFCLK which samples Payload
byte 43 (TCALEVEL0=0) or 47
(TCALEVEL0=1) for the 8-bit interface
(ATM8=1), or the rising edge of TFCLK
which samples Payload word 19
(TCALEVEL0=0) or 23 (TCALEVEL0=1)
for the 16-bit interface (ATM8=0) if the
PHY being polled is the same as the PHY
in use. To reduce FIFO latency, the FIFO
depth at which TCA indicates "full" can be
set to one, two, three or four cells. Note
that regardless of what fill level TCA is set
to indicate "full" at, the transmit cell
processor can store 4 complete cells.
TCA is tri-stated when either the null-PHY
address (1FH) or an address not matching
the address space set by PHY_ADR[2:0]
is latched (by TFCLK) from the TADR[4:2]
inputs.
The polarity of TCA (with respect the the
description above) is inverted when the
TCAINV register bit is set to logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com