Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 87 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 87 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 83Page - PMC-Sierra, Inc PM7346 Datasheet HTML 84Page - PMC-Sierra, Inc PM7346 Datasheet HTML 85Page - PMC-Sierra, Inc PM7346 Datasheet HTML 86Page - PMC-Sierra, Inc PM7346 Datasheet HTML 87Page - PMC-Sierra, Inc PM7346 Datasheet HTML 88Page - PMC-Sierra, Inc PM7346 Datasheet HTML 89Page - PMC-Sierra, Inc PM7346 Datasheet HTML 90Page - PMC-Sierra, Inc PM7346 Datasheet HTML 91Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 66
Bit-oriented codes (BOCs) are received on the FEAC channel as 16-bit
sequences each consisting of 8 ones, a zero, 6 code bits, and a trailing zero
("111111110xxxxxx0"). BOCs are validated when repeated at least 10 times.
The RBOC can be enabled to declare a code valid if it has been observed for 8
out of 10 times or for 4 out of 5 times, as specified by the AVC bit in the RBOC
Configuration/Interrupt Enable Register. The RBOC declares that the code is
removed if two code sequences containing code values different from the
detected code are received in a moving window of ten code periods.
Valid BOCs are indicated through the RBOC Interrupt Status Register. The BOC
bits are set to all ones ("111111") when no valid code is detected. The RBOC
can be programmed to generate an interrupt when a detected code has been
validated and when the code is removed.
9.6
RDLC Facility Data Link Receiver
The RDLC is a microprocessor peripheral used to receive LAPD/HDLC frames
on any serial HDLC bit stream that provides data and clock information such as
the DS3 C-bit parity Path Maintenance Data Link, the E3 G.832 Network
Requirement byte or the General Purpose data link (selectable using the
RNETOP bit in the S/UNI-QJET Data Link and FERF/RAI Control register), the
E3 G.751 Network Use bit, or the J2 m-bit Data Link.
The RDLC detects the change from flag characters to the first byte of data,
removes stuffed zeros on the incoming data stream, receives packet data, and
calculates the CRC-CCITT frame check sequence (FCS).
In the address matching mode, only those packets whose first data byte matches
one of two programmable bytes or the universal address (all ones) are stored in
the FIFO. The two least significant bits of the address comparison can be
masked for LAPD SAPI matching.
Received data is placed into a 128-level FIFO buffer. An interrupt is generated
when a programmable number of bytes are stored in the FIFO buffer. Other
sources of interrupt are detection of the terminating flag sequence, abort
sequence, or FIFO buffer overrun.
The Status Register contains bits which indicate the overrun or empty FIFO
status, the interrupt status, and the occurrence of first flag or end of message
bytes written into the FIFO. The Status Register also indicates the abort, flag,
and end of message status of the data just read from the FIFO. On end of
message, the Status Register indicates the FCS status and if the packet
contained a non-integer number of bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com