Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 98 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 98 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 94Page - PMC-Sierra, Inc PM7346 Datasheet HTML 95Page - PMC-Sierra, Inc PM7346 Datasheet HTML 96Page - PMC-Sierra, Inc PM7346 Datasheet HTML 97Page - PMC-Sierra, Inc PM7346 Datasheet HTML 98Page - PMC-Sierra, Inc PM7346 Datasheet HTML 99Page - PMC-Sierra, Inc PM7346 Datasheet HTML 100Page - PMC-Sierra, Inc PM7346 Datasheet HTML 101Page - PMC-Sierra, Inc PM7346 Datasheet HTML 102Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 77
appended, followed by flags. If the TDPR transmit data FIFO underflows, an
abort sequence is automatically transmitted.
When enabled, the TDPR continuously transmits flags (01111110) until data is
ready to be transmitted. Data bytes to be transmitted are written into the TDPR
Transmit Data Register. The TDPR automatically begins transmission of data
once at least one complete packet is written into its FIFO. All complete packets
of data will be transmitted if no error condition occurs. After the last data byte of
a packet, the CRC FCS (if CRC insertion has been enabled) and a flag, or just a
flag (if CRC insertion has not been enabled) is transmitted. The TDPR then
returns to the transmission of flag characters until the next packet is available for
transmission. The TDPR will also force transmission of the FIFO data once the
FIFO depth has surpassed the programmable upper limit threshold.
Transmission commences regardless of whether or not a packet has been
completely written into the FIFO. The user must be careful to avoid overfilling the
FIFO. Underruns can only occur if the packet length is greater than the
programmed upper limit threshold because, in such a case, transmission will
begin before a complete packet is stored in the FIFO.
An interrupt can be generated once the FIFO depth has fallen below a user
configured lower threshold as an indicator for the user to write more data.
Interrupts can also be generated if the FIFO underflows while transmitting a
packet, when the FIFO is full, or if the FIFO is overrun.
If there are more than five consecutive ones in the raw transmit data or in the
CRC data, a zero is stuffed into the serial data output. This prevents the
unintentional transmission of flag or abort sequences.
Abort sequences (01111111 sequence where the 0 is transmitted first) can be
continuously transmitted at any time by setting a control bit. During packet
transmission, an underrun situation can occur if data is not written to the TDPR
Transmit Data register before the previous byte has been depleted. In this case,
an abort sequence is transmitted, and the controlling processor is notified via the
UDR register bit. An abort sequence will also be transmitted if the user overflows
the FIFO with a packet of length greater than 128 bytes. Overflows where other
complete packets are still stored in the FIFO will not generate an abort. Only the
packet which caused the overflow is corrupted and an interrupt is generated to
the user via the OVR register bit. The other packets remain unaffected.
When the TDPR is disabled, a logical 1 (Idle) is inserted in the path maintenance
data link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com