Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 95 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 95 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 91Page - PMC-Sierra, Inc PM7346 Datasheet HTML 92Page - PMC-Sierra, Inc PM7346 Datasheet HTML 93Page - PMC-Sierra, Inc PM7346 Datasheet HTML 94Page - PMC-Sierra, Inc PM7346 Datasheet HTML 95Page - PMC-Sierra, Inc PM7346 Datasheet HTML 96Page - PMC-Sierra, Inc PM7346 Datasheet HTML 97Page - PMC-Sierra, Inc PM7346 Datasheet HTML 98Page - PMC-Sierra, Inc PM7346 Datasheet HTML 99Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 74
The T3-TRAN supports diagnostic modes in which it inserts parity or path parity
errors, F-bit framing errors, M-bit framing errors, invalid X or P-bits, line code
violations, or all-zeros.
User control of each of the overhead bits in the DS3 frame is provided.
Overhead bits may be inserted on a bit-by-bit basis from a user supplied data
stream. An overhead clock (at 526 kHz) and a DS3 overhead alignment output
are provided to allow for control of the user provided stream.
9.14 E3 Transmitter
The E3 Transmitter (E3-TRAN) Block integrates circuitry required to insert the
overhead bits into an E3 bit stream and produce an HDB3-encoded signal. The
E3-TRAN is directly compatible with the G.751 and G.832 framing formats.
The E3-TRAN generates the frame alignment signal and inserts it into the
incoming serial stream based on either the G.751 or G.832 formats and an
alignment pulse applied to it by the SPLT block. All overhead and status bits in
each frame format can be individually controlled by register bits or by the
transmit overhead stream. While in certain framing format modes, the E3-TRAN
generates various overhead bytes according to the following:
In G.832 E3 format, the E3-TRAN:
• inserts the BIP-8 byte calculated over the preceding frame;
• inserts the Trail Trace bytes through the Trail Trace Buffer (TTB) block;
• inserts the FERF bit via a register bit or, optionally, when the E3-FRMR
declares OOF, or when the loss of cell delineation (LCD) defect is declared;
• inserts the FEBE bit, which is set to logic 1 when one or more BIP-8 errors
are detected by the receive framer. If there are no BIP-8 errors indicated by
the E3-FRMR, the E3-TRAN sets the FEBE bit to logic 0;
• inserts the Payload Type bits based on the register value set by the
microprocessor;
• inserts the Tributary Unit multiframe indicator bits either via the TOH overhead
stream or by register bit values set by the microprocessor;
• inserts the Timing Marker bit via a register bit;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com