Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 56 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 56 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 52Page - PMC-Sierra, Inc PM7346 Datasheet HTML 53Page - PMC-Sierra, Inc PM7346 Datasheet HTML 54Page - PMC-Sierra, Inc PM7346 Datasheet HTML 55Page - PMC-Sierra, Inc PM7346 Datasheet HTML 56Page - PMC-Sierra, Inc PM7346 Datasheet HTML 57Page - PMC-Sierra, Inc PM7346 Datasheet HTML 58Page - PMC-Sierra, Inc PM7346 Datasheet HTML 59Page - PMC-Sierra, Inc PM7346 Datasheet HTML 60Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 35
Pin Name
Type
Pin No.
Function
ROHFP[4]
ROHFP[3]
ROHFP[2]
ROHFP[1]
Output
J1
M2
P2
T2
Receive DS3/E3/J2 Overhead Frame
Position (ROHFP[4:1]). ROHFP[4:1]
locates the individual overhead bits in the
received overhead data stream, ROH[4:1].
ROHFP[4:1] is high during the X1
overhead bit position in the ROH[4:1]
stream when processing a DS3 stream.
ROHFP[4:1] is high during the first bit of
the FA1 byte when processing a G.832 E3
stream. ROHFP[4:1] is high during the
RAI overhead bit position when processing
a G.751 E3 stream. ROHFP[4:1] is high
during the first bit in Timeslot 97 in the first
frame of the 4-frame multiframe when
processing a J2 stream. ROHFP[4:1] is
updated on the falling edge of
ROHCLK[4:1].
ROH[4]
ROH[3]
ROH[2]
ROH[1]
Output
J2
L2
P1
T1
Receive DS3/E3/J2 Overhead Data
(ROH[4:1]). ROH[4:1] contains the
overhead bits (C, F, X, P, and M) extracted
from the received DS3 stream; ROH[4:1]
contains the overhead bytes (FA1, FA2,
EM, TR, MA, NR, and GC) extracted from
the received G.832 E3 stream; ROH[4:1]
contains the overhead bits (RAI, National
Use, Stuff Indication, and Stuff
Opportunity) extracted from the received
G.751 E3 stream; ROH[4:1] contains the
overhead bits (Framing, X1-3, A, M, E1-5)
extracted from the received J2 stream.
ROH[4:1] is updated on the falling edge of
ROHCLK[4:1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com