Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 69 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 69 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 65Page - PMC-Sierra, Inc PM7346 Datasheet HTML 66Page - PMC-Sierra, Inc PM7346 Datasheet HTML 67Page - PMC-Sierra, Inc PM7346 Datasheet HTML 68Page - PMC-Sierra, Inc PM7346 Datasheet HTML 69Page - PMC-Sierra, Inc PM7346 Datasheet HTML 70Page - PMC-Sierra, Inc PM7346 Datasheet HTML 71Page - PMC-Sierra, Inc PM7346 Datasheet HTML 72Page - PMC-Sierra, Inc PM7346 Datasheet HTML 73Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 48
Pin Name
Type
Pin No.
Function
RADR[4]
RADR[3]
RADR[2]
RADR[1]
RADR[0]
Input
P19
N17
P18
R20
R19
Receive Address (RADR[4:0]). The
RADR[4:1] signal is used to select the
FIFO (and hence port) that is read from
using the RENB signal and the FIFO
whose cell-available signal is visible on the
RCA output. RADR[4:0] is sampled on the
rising edge of RFCLK together with RENB.
Note that the null-PHY address 1FH is an
invalid address and will not be identified to
any port on the S/UNI-QJET.
RCA
Output
N19
Receive Multi-Phy Cell Available (RCA).
The RCA signal indicates when a cell is
available in the receive FIFO for the port
selected by RADR[4:0]. RCA can be
configured to be de-asserted when either
zero or four bytes remain in the
selected/addressed FIFO. RCA will thus
transition low on the rising edge of RFCLK
after Payload byte 48 (RCALEVEL0=1) or
43 (RCALEVEL0=0) is output for the 8-bit
interface (ATM8=1), or after Payload word
24 (RCALEVEL0=1) or 19
(RCALEVEL0=0) is output for the 16-bit
interface (ATM8=0) if the PHY being polled
is the same as the PHY in use.
RCA is tri-stated when either the null-PHY
address (1FH) or an address not matching
the address space set by PHY_ADR[2:0]
is latched (by RFCLK) from the RADR[4:2]
inputs.
The polarity of RCA (with respect to the
description above) is inverted when the
RCAINV register bit is set to logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com