Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 80 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 80 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 76Page - PMC-Sierra, Inc PM7346 Datasheet HTML 77Page - PMC-Sierra, Inc PM7346 Datasheet HTML 78Page - PMC-Sierra, Inc PM7346 Datasheet HTML 79Page - PMC-Sierra, Inc PM7346 Datasheet HTML 80Page - PMC-Sierra, Inc PM7346 Datasheet HTML 81Page - PMC-Sierra, Inc PM7346 Datasheet HTML 82Page - PMC-Sierra, Inc PM7346 Datasheet HTML 83Page - PMC-Sierra, Inc PM7346 Datasheet HTML 84Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 59
• the FERF bit and indicates an alarm when the FERF bit is a logic 1 for 3 or 5
consecutive frames. The FERF indication is removed when the FERF bit is a
logic 0 for 3 or 5 consecutive frames;
• the FEBE bit and outputs it for accumulation in PMON;
• the Payload Type bits and buffers them so that they can be read by the
microprocessor;
• the Timing Marker bit and asserts the Timing Marker indication when the
value of the extracted bit has been in the same state for 3 or 5 consecutive
frames;
• the Network Operator byte and presents it as a serial stream for further
processing by the RDLC block when the RNETOP bit in the S/UNI-QJET
Data Link and FERF Control register is logic 1. The byte is also brought out
on the ROH[x] output with an associated clock on ROHCLK[x]. All 8 bits of
the Network Operator byte are extracted and presented on the overhead
output and, optionally, presented to the RDLC.
• the General Purpose Communication Channel byte and presents it to the
RDLC when the RNETOP bit in the S/UNI-QJET Data Link and FERF Control
register is logic 0 The byte is also brought out on the ROH[x] output with an
associated clock on ROHCLK[x].
In G.751 E3 mode, the E3-FRMR extracts:
• the Remote Alarm Indication bit (bit 11 of the frame) and indicates a Remote
Alarm when the RAI bit is a logic 1 for 3 or 5 consecutive frames. Similarly,
the Remote Alarm is removed when the RAI bit is logic 0 for 3 or 5
consecutive frames;
• the National Use reserved bit (bit 12 of the frame) and presents it as a serial
stream for further processing in the RDLC when the RNETOP bit in the
S/UNI-QJET Data Link and FERF Control register is logic 0. The bit is also
brought out on the ROH[x] output with an associated clock on ROHCLK[x].
Optionally, an interrupt can be generated when the National Use bit changes
state.
Further, while in-frame, the E3-FRMR indicates the position of all the overhead
bits in the incoming digital stream to the ATMF/SPLR block. For G.751 mode, the
tributary justification bits can optionally be identified as either overhead or
payload for payload mappings that take advantage of the full bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com