Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 58 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 58 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 54Page - PMC-Sierra, Inc PM7346 Datasheet HTML 55Page - PMC-Sierra, Inc PM7346 Datasheet HTML 56Page - PMC-Sierra, Inc PM7346 Datasheet HTML 57Page - PMC-Sierra, Inc PM7346 Datasheet HTML 58Page - PMC-Sierra, Inc PM7346 Datasheet HTML 59Page - PMC-Sierra, Inc PM7346 Datasheet HTML 60Page - PMC-Sierra, Inc PM7346 Datasheet HTML 61Page - PMC-Sierra, Inc PM7346 Datasheet HTML 62Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 37
Pin Name
Type
Pin No.
Function
RFPO[4]
RFPO[3]
RFPO[2]
RFPO[1]
RMFPO[4]
RMFPO[3]
RMFPO[2]
RMFPO[1]
Output
U12
Y9
Y6
V4
Framer Receive Frame Pulse/Multi-frame
Pulse (RFPO/RMFPO[4:1]).
RFPO/RMFPO[4:1] is valid when the
S/UNI-QJET is configured to be in framer
only mode. The 8KREFO bit must be set
to logic 0 S/UNI-QJET Configuration
Register.
RFPO[4:1] is aligned to RDATO[4:1] and
indicates the position of the first bit in each
DS3 M-subframe, the first bit in each
G.751 E3 or G.832 E3 frame, or the first
framing bit in each J2 frame
RMFPO[4:1] is aligned to RDATO[4:1] and
indicates the position of the first bit in each
DS3 M-frame, the first bit in each G.751 or
G.832 E3 multiframe, or the first framing
bit in each J2 multiframe.
RFPO/RMFPO[4:1] is updated on either
the falling or rising edge of RSCLK[4:1]
depending on the setting of the RSCLKR
bit in the S/UNI-QJET Receive
Configuration register.
RPOH[4]
RPOH[3]
RPOH[2]
RPOH[1]
Output
V13
V10
U8
W4
Receive PLCP Overhead Data
(RPOH[4:1]). RPOH[4:1] contains the
PLCP path overhead octets (Zn, F1, B1,
G1, M1, M2, and C1) extracted from the
received PLCP frame when the PLCP
layer is in-frame. When the PLCP layer is
in the loss of frame state, RPOH[4:1] is
forced to all ones. The octet data on
RPOH[4:1] is shifted out in order from the
most significant bit (bit 1) to the least
significant bit (bit 8). RPOH[4:1] is
updated on the falling edge of
RPOHCLK[4:1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com