Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 24 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 24 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 20Page - PMC-Sierra, Inc PM7346 Datasheet HTML 21Page - PMC-Sierra, Inc PM7346 Datasheet HTML 22Page - PMC-Sierra, Inc PM7346 Datasheet HTML 23Page - PMC-Sierra, Inc PM7346 Datasheet HTML 24Page - PMC-Sierra, Inc PM7346 Datasheet HTML 25Page - PMC-Sierra, Inc PM7346 Datasheet HTML 26Page - PMC-Sierra, Inc PM7346 Datasheet HTML 27Page - PMC-Sierra, Inc PM7346 Datasheet HTML 28Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 3
codes are detected, and an integral HDLC receiver is provided to terminate
the path maintenance data link.
• Provides frame synchronization for the G.751 or G.832 E3 applications, alarm
detection, and accumulates line code violations, framing errors, parity errors,
and FEBE events. In addition, in G.832, the Trail Trace is detected, and an
integral HDLC receiver is provided to terminate either the Network
Requirement or the General Purpose data link.
• Provides frame synchronization for G.704 and NTT 6.312 Mbit/s J2
applications, alarm detection, and accumulates line code violations, framing
errors, and CRC parity errors. An integral HDLC receiver is provided to
terminate the data link.
• Provides frame synchronization, cell delineation and extraction for DS3,
G.751 E3, G.832 E3, and G.704 and NTT J2 ATM direct-mapped formats.
• Provides PLCP frame synchronization, path overhead extraction, and cell
extraction for DS1 PLCP, DS3 PLCP, E1 PLCP, and G.751 E3 PLCP
formatted streams.
• Provides a 50 MHz 8-bit wide or 16-bit wide Utopia FIFO buffer in the receive
path with parity support, and multi-PHY (Level 2) control signals.
• Provides ATM framing using cell delineation. ATM cell delineation may
optionally be disabled to allow passing of all cell bytes regardless of cell
delineation status.
• Provides cell descrambling, header check sequence (HCS) error detection,
idle cell filtering, header descrambling (for use with PPP packets), and
accumulates the number of received idle cells, the number of received cells
written to the FIFO, and the number of HCS errors.
• Provides a four cell FIFO for rate decoupling between the line, and a higher
layer processing entity. FIFO latency may be reduced by changing the
number of operational cell FIFOs.
• Provides a receive HDLC controller with a 128-byte FIFO to accumulate data
link information.
• Provides detection of yellow alarm and loss of frame (LOF), and accumulates
BIP-8 errors, framing errors and FEBE events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com