Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 64 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 64 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 60Page - PMC-Sierra, Inc PM7346 Datasheet HTML 61Page - PMC-Sierra, Inc PM7346 Datasheet HTML 62Page - PMC-Sierra, Inc PM7346 Datasheet HTML 63Page - PMC-Sierra, Inc PM7346 Datasheet HTML 64Page - PMC-Sierra, Inc PM7346 Datasheet HTML 65Page - PMC-Sierra, Inc PM7346 Datasheet HTML 66Page - PMC-Sierra, Inc PM7346 Datasheet HTML 67Page - PMC-Sierra, Inc PM7346 Datasheet HTML 68Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 43
Pin Name
Type
Pin No.
Function
TENB
Input
H18
Transmit Multi-Phy Write Enable (TENB).
The TENB signal is an active low input
which is used along with the TADR[4:0]
inputs to initiate writes to the transmit
FIFOs. When sampled low using the rising
edge of TFCLK, the word on the TDAT bus
is written into the transmit FIFO selected
by the TADR[4:0] address bus. When
sampled high using the rising edge of
TFCLK, no write is performed, but the
TADR[4:0] address is latched to identify
the transmit FIFO to be accessed. A
complete 53 octet cell must be written to
the transmit FIFO before it is inserted into
the transmit stream. Idle cells are inserted
when a complete cell is not available.
TADR[4]
TADR[3]
TADR[2]
TADR[1]
TADR[0]
Input
F18
F19
F20
G18
H17
Transmit Address (TADR[4:0]). The
TADR[4:0] bus is used to select the FIFO
(and hence port) that is written to using
the TENB signal and the FIFO whose cell-
available signal is visible on the TCA
output. TADR[4:0] is sampled on the rising
edge of TFCLK together with TENB.
Note that the null-PHY address 1FH is an
invalid address and will not be identified to
any port on the S/UNI-QJET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com