Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 73 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 73 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 69Page - PMC-Sierra, Inc PM7346 Datasheet HTML 70Page - PMC-Sierra, Inc PM7346 Datasheet HTML 71Page - PMC-Sierra, Inc PM7346 Datasheet HTML 72Page - PMC-Sierra, Inc PM7346 Datasheet HTML 73Page - PMC-Sierra, Inc PM7346 Datasheet HTML 74Page - PMC-Sierra, Inc PM7346 Datasheet HTML 75Page - PMC-Sierra, Inc PM7346 Datasheet HTML 76Page - PMC-Sierra, Inc PM7346 Datasheet HTML 77Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 52
Pin Name
Type
Pin No.
Function
TMS
Input
C7
Test Mode Select (TMS). This signal
controls the test operations that can be
carried out using the IEEE P1149.1 test
access port. TMS is sampled on the rising
edge of TCK. TMS has an integral pull up
resistor.
TDI
Input
D8
Test Data Input (TDI). This signal carries
test data into the S/UNI-QJET via the
IEEE P1149.1 test access port. TDI is
sampled on the rising edge of TCK. TDI
has an integral pull up resistor.
TDO
Output
B7
Test Data Output (TDO). This signal
carries test data out of the S/UNI-QJET via
the IEEE P1149.1 test access port. TDO
is updated on the falling edge of TCK.
TDO is a tri-state output which is inactive
except when scanning of data is in
progress.
TRSTB
Input
A6
Active low Test Reset (TRSTB). This signal
provides an asynchronous S/UNI-QJET
test access port reset via the IEEE
P1149.1 test access port. TRSTB is a
Schmitt triggered input with an integral pull
up resistor. TRSTB must be asserted
during the power up sequence.
Note that if not used, TRSTB must be
connected to the RSTB input.
BIAS
Input
H20
U17
D4
U4
+5V Bias (BIAS). When tied to +5V, the
BIAS input is used to bias the wells in the
input and I/O pads so that the pads can
tolerate 5V on their inputs without forward
biasing internal ESD protection devices.
When tied to VDD, the inputs and bi-
directional inputs will only tolerate input
levels up to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com