Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 68 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 68 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 64Page - PMC-Sierra, Inc PM7346 Datasheet HTML 65Page - PMC-Sierra, Inc PM7346 Datasheet HTML 66Page - PMC-Sierra, Inc PM7346 Datasheet HTML 67Page - PMC-Sierra, Inc PM7346 Datasheet HTML 68Page - PMC-Sierra, Inc PM7346 Datasheet HTML 69Page - PMC-Sierra, Inc PM7346 Datasheet HTML 70Page - PMC-Sierra, Inc PM7346 Datasheet HTML 71Page - PMC-Sierra, Inc PM7346 Datasheet HTML 72Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 47
Pin Name
Type
Pin No.
Function
RSOC
Output
M17
Receive Start of Cell (RSOC). This signal
marks the start of cell on the RDAT bus.
RSOC marks the start of the cell on the
RDAT bus.
RSOC is tri-stated when either the null-
PHY address (1FH) or an address not
matching the address space set by
PHY_ADR[2:0] is latched from the
RADR[4:0] inputs when RENB is high.
RENB
Input
N18
Receive Multi-Phy Read Enable (RENB).
The RENB signal is used to initiate reads
from the receive FIFOs. When sampled
low using the rising edge of RFCLK, a byte
is read (if one is available) from the receive
FIFO selected by the RADR[4:0] address
bus and output on the RDAT bus. When
sampled high using the rising edge of
RFCLK, no read is performed and
RDAT[15:0], RPRTY, and RSOC are tri-
stated, and the address on RADR[4:0] is
latched to select the device or port for the
next ATM FIFO access. RENB must
operate in conjunction with RFCLK to
access the FIFOs at a high enough rate to
prevent FIFO overflows. The ATM layer
device may de-assert RENB at anytime it
is unable to accept another byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com